Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548ECPXATHB Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC8548ECPXATHB
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECPXATHB Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECPXATHB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
78
Freescale Semiconductor
PCI Express
VRX-CM-ACp
AC peak
common mode
input voltage
——
150
mV
VRX-CM-ACp = |VRXD+ – VRXD-|/2 + VRX-CM-DC
VRX-CM-DC = DC(avg) of |VRX-D+ + VRX-D–| 2.
See Note 2.
RLRX-DIFF
Differential
return loss
15
—
—
dB
Measured over 50 MHz to 1.25 GHz with the D+
and D– lines biased at +300 mV and –300 mV,
respectively. See Note 4.
RLRX-CM
Common mode
return loss
6
—
—
dB
Measured over 50 MHz to 1.25 GHz with the D+
and D– lines biased at 0 V. See Note 4.
ZRX-DIFF-DC
DC differential
input impedance
80
100
120
RX DC differential mode impedance. See Note 5.
ZRX-DC
DC input
impedance
40
50
60
Required RX D+ as well as D– DC impedance
(50 ± 20% tolerance). See Notes 2 and 5.
ZRX-HIGH-IMP-DC
Powered down
DC input
impedance
200 k
—
—
Required RX D+ as well as D– DC impedance
when the receiver terminations do not have
power. See Note 6.
VRX-IDLE-DET-DIFFp-p
Electrical idle
detect threshold
65
—
175
mV
VRX-IDLE-DET-DIFFp-p = 2 × |VRX-D+ –VRX-D–|.
Measured at the package pins of the receiver
TRX-IDLE-DET-DIFF-
ENTERTIME
Unexpected
electrical idle
enter detect
threshold
integration time
—
—
10
ms
An unexpected electrical idle (VRX-DIFFp-p <
VRX-IDLE-DET-DIFFp-p) must be recognized no
longer than TRX-IDLE-DET-DIFF-ENTERING to signal
an unexpected idle condition.
Table 57. Differential Receiver (RX) Input Specifications (continued)
Symbol
Parameter
Min
Nom
Max
Unit
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com