Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548ECPXATHB Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPC8548ECPXATHB
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECPXATHB Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECPXATHB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
18
Freescale Semiconductor
Input Clocks
4.5
Platform to FIFO Restrictions
Note the following FIFO maximum speed restrictions based on platform speed.
For FIFO GMII mode:
FIFO TX/RX clock frequency
 platform clock frequency/4.2
For example, if the platform frequency is 533 MHz, the FIFO TX/RX clock frequency must be no more
than 127 MHz.
For FIFO encoded mode:
FIFO TX/RX clock frequency
 platform clock frequency/4.2
For example, if the platform frequency is 533 MHz, the FIFO TX/RX clock frequency must be no more
than 167 MHz.
4.6
Platform Frequency Requirements for PCI-Express and Serial
RapidIO
The CCB clock frequency must be considered for proper operation of the high-speed PCI-Express and
Serial RapidIO interfaces as described below.
For proper PCI Express operation, the CCB clock frequency must be greater than:
527 MHz
 (PCI-Express link width)
8
See MPC8548ERM, Rev. 2, PowerQUICC III Integrated Processor Family Reference Manual,
Section 18.1.3.2, “Link Width,” for PCI Express interface width details.
For proper serial RapidIO operation, the CCB clock frequency must be greater than:
2
(0.80)  (Serial RapidIO interface frequency) × (Serial RapidIO link width)
64
See MPC8548ERM, Rev. 2, PowerQUICC III Integrated Processor Family Reference Manual,
Section 17.4, “1x/4x LP-Serial Signal Descriptions,” for serial RapidIO interface width and frequency
details.
4.7
Other Input Clocks
For information on the input clocks of other functional blocks of the platform see the specific section of
this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com