Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548ECPXATHB Datasheet(PDF) 143 Page - Freescale Semiconductor, Inc

Part # MPC8548ECPXATHB
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECPXATHB Datasheet(HTML) 143 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECPXATHB Datasheet HTML 139Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 140Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 141Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 142Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 143Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 144Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 145Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 146Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 147Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
Freescale Semiconductor
143
System Design Information
22.10 Guidelines for High-Speed Interface Termination
This section provides the guidelines for high-speed interface termination when the SerDes interface is
entirely unused and when it is partly unused.
22.10.1 SerDes Interface Entirely Unused
If the high-speed SerDes interface is not used at all, the unused pin must be terminated as described in this
section.
The following pins must be left unconnected (float):
•
SD_TX[7:0]
•SD_TX[7:0]
•
Reserved pins T22, T23, M20, M21
The following pins must be connected to GND:
•SD_RX[7:0]
•SD_RX[7:0]
•SD_REF_CLK
•
SD_REF_CLK
NOTE
It is recommended to power down the unused lane through SRDSCR1[0:7]
register (offset = 0xE_0F08) (This prevents the oscillations and holds the
receiver output in a fixed state.) that maps to SERDES lane 0 to lane 7
accordingly.
Pins V28 and M26 must be tied to XVDD. Pins V27 and M25 must be tied to GND through a 300-
resistor.
In Rev 2.0 silicon, POR configuration pin cfg_srds_en on TSEC4_TXD[2]/TSEC3_TXD[6] can be used
to power down SerDes block.
22.10.2 SerDes Interface Partly Unused
If only part of the high-speed SerDes interface pins are used, the remaining high-speed serial I/O pins must
be terminated as described in this section.
The following pins must be left unconnected (float) if not used:
•
SD_TX[7:0]
•SD_TX[7:0]
•
Reserved pins: T22, T23, M20, M21
The following pins must be connected to GND if not used:
•SD_RX[7:0]
•SD_RX[7:0]
•SD_REF_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com