Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8381 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8381
Description  Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8381 Datasheet(HTML) 5 Page - Analog Devices

  AD8381 Datasheet HTML 1Page - Analog Devices AD8381 Datasheet HTML 2Page - Analog Devices AD8381 Datasheet HTML 3Page - Analog Devices AD8381 Datasheet HTML 4Page - Analog Devices AD8381 Datasheet HTML 5Page - Analog Devices AD8381 Datasheet HTML 6Page - Analog Devices AD8381 Datasheet HTML 7Page - Analog Devices AD8381 Datasheet HTML 8Page - Analog Devices AD8381 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. B
AD8381
–5–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
Description
1, 12, 19, 23, NC
No Connect
24, 43–45
2–11
DB (0:9)
Data Input
10-Bit Data Input MSB = DB (9).
13
E/O
Even/Odd Select
The active CLK edge is the rising edge when this input is held high,
and it is the falling edge when this input is held low.
Data is loaded sequentially on the rising edges of CLK when this input
is high and loaded on the falling edges when this input is low.
14
R/L
Right/Left Select
A new data loading sequence begins on the left, with Channel 0, when this
input is low, and on the right, with Channel 5, when this input is high.
15
INV
Invert
When this pin is high, the analog output voltages are above VMID.
When low, the analog output voltages are below VMID.
16
DGND
Digital Supply Return
This pin is normally connected to the analog ground plane.
17
DVCC
Digital Power Supply
Digital Power Supply.
18, 27, 31
AVCCx
Analog Power Supplies
Analog Power Supplies.
35, 42
20
STBY
Standby
When high, the internal circuits are debiased and the power
dissipation drops to a minimum.
21
BYP
Bypass
A 0.1
mF capacitor connected between this pin and AGND ensures
optimum settling time.
22, 25, 29
AGNDx
Analog Supply Returns
These pins are normally connected to the analog ground plane.
33, 37, 41
26, 28, 30,
VID5, VID4, VID3,
Analog Outputs
These pins are directly connected to the analog inputs of the LCD panel.
32, 34, 36
VID2, VID1, VID0
38
VMID
Midpoint Reference
The voltage applied between this pin and AGND sets the midpoint
reference of the analog outputs. This pin is normally connected to VCOM.
39
VREFLO
Full-Scale Reference
The voltage applied between Pins 39 and 40 sets the full-scale output voltage.
40
VREFHI
Full-Scale Reference
The voltage applied between Pins 39 and 40 sets the full-scale output voltage.
46
STSQ
Start Sequence
A new data loading sequence begins on the rising edge of CLK when
this input was high on the preceding rising edge of CLK and the E/O
input is held high.
A new data loading sequence begins on the falling edge of CLK when
this input was high on the preceding falling edge of CLK and the E/O
input is held low.
47
XFR
Data Transfer
Data is transferred to the outputs on the immediately following falling
edge of CLK when this input is high on the rising edge of CLK.
48
CLK
Clock
Clock Input.
PIN CONFIGURATION
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
VID0
AVCC0, 1
VID1
AGND1, 2
VID2
AVCC2, 3
VID3
NC
DB0
DB1
DB2
DB3
DB4
DB5
NC = NO CONNECT
DB6
DB7
DB8
DB9
AGND3, 4
VID4
AVCC4, 5
VID5
AD8381
NC
AGND5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com