Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8381 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8381
Description  Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8381 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8381 Datasheet HTML 6Page - Analog Devices AD8381 Datasheet HTML 7Page - Analog Devices AD8381 Datasheet HTML 8Page - Analog Devices AD8381 Datasheet HTML 9Page - Analog Devices AD8381 Datasheet HTML 10Page - Analog Devices AD8381 Datasheet HTML 11Page - Analog Devices AD8381 Datasheet HTML 12Page - Analog Devices AD8381 Datasheet HTML 13Page - Analog Devices AD8381 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. B
AD8381
–10–
FUNCTIONAL DESCRIPTION
The AD8381 is a system building block designed to directly
drive the columns of LCD panels of the type popularized for use
in data projectors. It comprises six channels of precision 10-bit
digital-to-analog converters loaded from a single, high speed,
10-bit-wide input. Precision current feedback amplifiers, provid-
ing well-damped pulse response and rapid voltage settling into
large capacitive loads, buffer the six outputs. Laser trimming at
the wafer level ensure low absolute output errors and tight channel-
to-channel matching. In addition, tight part-to-part matching
in high channel count systems is guaranteed by the use of an
external voltage reference.
Input Data Loading (STart SeQuence Control—STSQ)
A valid STSQ control input initiates a new six-clock pulse
loading cycle, during which six input data words are loaded
sequentially into six internal channels. A new loading sequence
begins on the current active CLK edge only when STSQ was
held high at the preceding active CLK edge.
Data Loading—Expanded Systems (Even/Odd Control)
To facilitate expanded, even/odd systems, the active CLK edge, at
which input data is loaded, is set with the E/O control input.
Input data is loaded on rising CLK edges while the E/O input is
held high and loaded on falling CLK edges while the E/O input
is held low.
Data Loading—Inverted Images (Right/Left Control)
To facilitate image mirroring, the order in which input data is
loaded is set with the R/L input.
A new loading sequence begins at Channel 0 and proceeds
to Channel 5 when the R/L input is held high and begins at
Channel 5 and proceeding to Channel 0 when the R/L input
is held low.
Data Transfer to Outputs (XFR Control)
Data transfer to all outputs is initiated by the XFR control input.
When XFR is held high during a rising CLK edge, data is
simultaneously transferred to all outputs on the immediately
following falling CLK edge.
VCOM Reference (VMID Reference Input)
An external analog reference voltage connected to this input
sets the reference level at the outputs. This input is normally
connected to VCOM.
Full-Scale Output (VREFHI, VREFLO Reference Inputs)
The difference between two external analog reference voltages,
connected to these inputs, sets the full-scale output voltage at
the outputs. VREFLO is normally tied to VMID.
Analog Voltage Inversion (INVert Control)
To facilitate systems that use column, row or pixel inversion,
the analog output voltage inversion is controlled by the INV
control input. While INV is high, the analog voltage equivalent
of the input code is subtracted from (VMID + VFS) at each
output. While INV is low, the analog voltage equivalent of the
input code is added to (VMID – VFS) at each output.
Standby Mode (STBY Control)
A high applied to the STBY input debiases the internal
circuitry, dropping the quiescent power dissipation to a few
milliwatts. Since both digital and analog circuits are debiased,
all stored data will be lost. Upon returning STBY to low, nor-
mal operation is restored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com