Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8381 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8381
Description  Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8381 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8381 Datasheet HTML 8Page - Analog Devices AD8381 Datasheet HTML 9Page - Analog Devices AD8381 Datasheet HTML 10Page - Analog Devices AD8381 Datasheet HTML 11Page - Analog Devices AD8381 Datasheet HTML 12Page - Analog Devices AD8381 Datasheet HTML 13Page - Analog Devices AD8381 Datasheet HTML 14Page - Analog Devices AD8381 Datasheet HTML 15Page - Analog Devices AD8381 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. B
AD8381
–13–
AD8381
AD8381
DB(0:9)
CLK
XFR
STSQ
INV
CH 0
CH 2
CH 4
CH 6
CH 8
CH 10
CH 1
CH 3
CH 5
CH 7
CH 9
CH 11
12-CHANNEL
LCD
VID0
VID1
VID2
VID3
VID4
VID5
VREFHI
VMID
VREFLO
DB(0:9)
CLK
XFR
STSQ
INV
VREFHI
VMID
VREFLO
VID0
VID2
VID3
VID4
VID5
E/O
E/O
R/L
R/L
VID1
REFERENCES
VREFHI
VCOM
IMAGE PROCESSOR
DB(0:9)
CLK
XFR
STSQ1
STSQ2
INV1
INV2
E/O1
E/O2
R/L
H. REVERSE
CLK
CLK
CLK
CLK
STSQ1
STSQ2
INV1
INV2
HSTART
6 COUNTER
+2
PIXEL CLK
HSYNC
VSYNC
6 COUNTER
Figure 9. Single Data Bus 12-Channel Even/Odd System Block Diagram
CH 0
CH 2
CH 4
CH 6
CH 8
CH 10
CH 1
CH 3
CH 5
CH 7
CH 9
CH 11
12-CHANNEL
LCD
AD8381
AD8381
DB(0:9)
CLK
XFR
STSQ
INV
VID0
VID1
VID2
VID3
VID4
VID5
VREFHI
VMID
VREFLO
DB(0:9)
CLK
XFR
STSQ
INV
VREFHI
VMID
VREFLO
VID0
VID1
VID2
VID3
VID4
VID5
E/O
E/O
R/L
R/L
REFERENCES
VREFHI
VCOM
IMAGE PROCESSOR
DB1(0:9)
CLK
XFR
STSQ
INV1
INV2
E/O
R/L
H. REVERSE
CLK
HSYNC
VSYNC
INV1
INV2
DB2(0:9)
D(0:9) ODD
“1”
HSTART
D(0:9) EVEN
6 COUNTER
PIXEL CLK
+2
D(0:9) EVEN
D(0:9) ODD
Figure 10. Dual Parallel Data Bus 12-Channel System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com