Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8639ARMZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8639ARMZ-R7
Description  16V Auto-Zero, Rail-to-Rail Output tional Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8639ARMZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8639ARMZ-R7 Datasheet HTML 1Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 2Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD8638/AD8639
Rev. F | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 4.
Parameter
Rating
Supply Voltage
16 V
Input Voltage
GND − 0.3 V to VSY+ + 0.3 V
Input Current1
±10 mA
Differential Input Voltage2
±VSY
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Table 5. Thermal Resistance
Package Type
θJA1
θJC
Unit
5-Lead SOT-23 (RJ-5)
230
146
°C/W
8-Lead SOIC_N (R-8)
158
43
°C/W
8-Lead MSOP (RM-8)
206
44
°C/W
8-Lead LFCSP_WD (CP-8-5)2
75
18
°C/W
θJA is specified for the worst-case conditions, that is, a device soldered in a
he application board.
1
circuit board for surface-mount packages. This was measured using a
standard two-layer board.
2 Exposed pad is soldered to t
ESD CAUTION
1 Input pins have clamp diodes to the supply pins. Input current should be
limited to 10 mA or less whenever input signals exceed either power supply
rail by 0.3 V.
2 Inputs are protected against high differential voltages by internal 1 kΩ series
resistors and back-to-back diode-connected N-MOSFETs (with a typical VT of
1.25 V for VCM of 0 V).
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com