Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8639ARMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8639ARMZ-R7
Description  16V Auto-Zero, Rail-to-Rail Output tional Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8639ARMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8639ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8638/AD8639
Rev. F | Page 10 of 20
TA = 25°C, unless otherwise noted.
TIME (2µs/DIV)
VSY = ±2.5V
AV = +1
CL = 200pF
RL = 10kΩ
Figure 29. Large Signal Transient Response
TIME (2µs/DIV)
VSY = ±2.5V
AV = +1
CL = 200pF
RL = 10kΩ
Figure 30. Small Signal Transient Response
0.05
0
3
2
1
0
–1
–0.05
–0.10
–0.15
INPUT VOLTAGE
OUTPUT VOLTAGE
VSY = ±2.5V
AV = –100
TIME (10µs/DIV)
Figure 31. Negative Overload Recovery
TIME (2µs/DIV)
VSY = ±8V
AV = +1
CL = 200pF
RL = 10kΩ
Figure 32. Large Signal Transient Response
TIME (2µs/DIV)
VSY = ±8V
AV = +1
CL = 200pF
RL = 10kΩ
Figure 33. Small Signal Transient Response
0.05
0
10
5
0
–5
–0.05
–0.10
–0.15
VSY = ±8V
AV = –100
INPUT VOLTAGE
OUTPUT VOLTAGE
TIME (10µs/DIV)
Figure 34. Negative Overload Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com