Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8639ARMZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8639ARMZ-R7
Description  16V Auto-Zero, Rail-to-Rail Output tional Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8639ARMZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8639ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8639ARMZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8638/AD8639
Rev. F | Page 9 of 20
TA = 25°C, unless otherwise noted.
FREQUENCY (Hz)
140
120
100
80
60
40
20
0
100
1k
10k
100k
1M
10M
VSY = ±2.5V
Figure 23. CMRR vs. Frequency
FREQUENCY (Hz)
120
100
80
60
40
0
20
–20
10
100
1k
10k
100k
1M
10M
PSRR+
PSRR–
VSY = ±2.5V
Figure 24. PSRR vs. Frequency
80
70
60
50
40
30
20
10
0
10
100
1k
LOAD CAPACITANCE (pF)
OS+
VSY = ±2.5V
RL = 10kΩ
OS–
Figure 25. Small Signal Overshoot vs. Load Capacitance
FREQUENCY (Hz)
140
120
100
80
60
40
20
0
100
10M
1M
100k
10k
1k
VSY = ±8V
Figure 26. CMRR vs. Frequency
FREQUENCY (Hz)
120
100
80
60
40
0
20
–20
10
100
1k
10k
100k
1M
10M
PSRR+
VSY = ±8V
PSRR–
Figure 27. PSRR vs. Frequency
80
70
60
50
40
30
20
10
0
10
100
1k
LOAD CAPACITANCE (pF)
OS+
OS–
VSY = ±8V
RL = 10kΩ
Figure 28. Small Signal Overshoot vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com