Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548ECHXATHC Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXATHC
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATHC Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXATHC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
Freescale Semiconductor
53
Programmable Interrupt Controller
11
Programmable Interrupt Controller
In IRQ edge trigger mode, when an external interrupt signal is asserted (according to the programmed
polarity), it must remain the assertion for at least 3 system clocks (SYSCLK periods).
12 JTAG
This section describes the DC and AC electrical specifications for the IEEE 1149.1 (JTAG) interface of
the device.
12.1
JTAG DC Electrical Characteristics
This table provides the DC electrical characteristics for the JTAG interface.
12.2
JTAG AC Electrical Specifications
This table provides the JTAG AC timing specifications as defined in Figure 30 through Figure 32.
Table 43. JTAG DC Electrical Characteristics
Parameter
Symbol1
Min
Max
Unit
High-level input voltage
VIH
2OVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current (VIN
1 = 0 V or V
IN = VDD)IIN
—±5
A
High-level output voltage (OVDD = min, IOH = –2 mA)
VOH
2.4
—
V
Low-level output voltage (OVDD = min, IOL = 2 mA)
VOL
—0.4
V
Note:
1. Note that the symbol VIN, in this case, represents the OVIN.
Table 44. JTAG AC Timing Specifications (Independent of SYSCLK)1
Parameter
Symbol2
Min
Max
Unit
Notes
JTAG external clock frequency of operation
fJTG
033.3
MHz
—
JTAG external clock cycle time
t JTG
30
—
ns
—
JTAG external clock pulse width measured at 1.4 V
tJTKHKL
15
—
ns
—
JTAG external clock rise and fall times
tJTGR & tJTGF
02
ns
6
TRST assert time
tTRST
25
—
ns
3
Input setup times:
Boundary-scan data
TMS, TDI
tJTDVKH
tJTIVKH
4
0
—
—
ns
4
Input hold times:
Boundary-scan data
TMS, TDI
tJTDXKH
tJTIXKH
20
25
—
—
ns
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com