Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548ECHXATHC Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXATHC
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATHC Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXATHC Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
Freescale Semiconductor
75
PCI Express
VTX-DC-CM
The TX DC
common mode
voltage
0
—
3.6
V
The allowed DC common mode voltage under any
conditions. See Note 6.
ITX-SHORT
TX short circuit
current limit
—
—
90
mA
The total current the transmitter can provide when
shorted to its ground
TTX-IDLE-MIN
Minimum time
spent in
electrical idle
50
—
UI
Minimum time a transmitter must be in electrical
idle utilized by the receiver to start looking for an
electrical idle exit after successfully receiving an
electrical idle ordered set
TTX-IDLE-SET-TO-IDLE
Maximum time
to transition to a
valid electrical
idle after
sending an
electrical idle
ordered set
—
—
20
UI
After sending an electrical idle ordered set, the
transmitter must meet all electrical idle
specifications within this time. This is considered
a debounce time for the transmitter to meet
electrical idle after transitioning from L0.
TTX-IDLE-TO-DIFF-DATA
Maximum time
to transition to
valid TX
specifications
after leaving an
electrical idle
condition
—
—
20
UI
Maximum time to meet all TX specifications when
transitioning from electrical idle to sending
differential data. This is considered a debounce
time for the TX to meet all TX specifications after
leaving electrical idle
RLTX-DIFF
Differential
return loss
12
—
—
dB
Measured over 50 MHz to 1.25 GHz.
See Note 4.
RLTX-CM
Common mode
return loss
6
—
—
dB
Measured over 50 MHz to 1.25 GHz.
See Note 4.
ZTX-DIFF-DC
DC differential
TX impedance
80
100
120
TX DC differential mode low impedance
ZTX-DC
Transmitter DC
impedance
40
—
—
Required TX D+ as well as D– DC impedance
during all states
LTX-SKEW
Lane-to-lane
output skew
—
—
500
+2UI
ps
Static skew between any two transmitter lanes
within a single Link
CTX
AC coupling
capacitor
75
—
200
nF
All transmitters shall be AC coupled. The AC
coupling is required either within the media or
within the transmitting component itself. See note
8.
Table 56. Differential Transmitter (TX) Output Specifications (continued)
Symbol
Parameter
Min
Nom
Max
Unit
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com