Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548ECHXATHC Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXATHC
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATHC Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXATHC Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
Freescale Semiconductor
99
Package Description
Three-Speed Ethernet Controller (Gigabit Ethernet 2)
TSEC2_RXD[7:0]
P2, R2, N1, N2, P3, M2, M1, N3
I
LVDD
—
TSEC2_TXD[7:0]
N9, N10, P8, N7, R9, N5, R8, N6
O
LVDD
5, 9, 33
TSEC2_COL
P1
I
LVDD
—
TSEC2_CRS
R6
I/O
LVDD
20
TSEC2_GTX_CLK
P6
O
LVDD
TSEC2_RX_CLK
N4
I
LVDD
—
TSEC2_RX_DV
P5
I
LVDD
—
TSEC2_RX_ER
R1
I
LVDD
—
TSEC2_TX_CLK
P10
I
LVDD
—
TSEC2_TX_EN
P7
O
LVDD
30
TSEC2_TX_ER
R10
O
LVDD
5, 9, 33
Three-Speed Ethernet Controller (Gigabit Ethernet 3)
TSEC3_TXD[3:0]
V8, W10, Y10, W7
O
TVDD
5, 9, 29
TSEC3_RXD[3:0]
Y1, W3, W5, W4
I
TVDD
—
TSEC3_GTX_CLK
W8
O
TVDD
—
TSEC3_RX_CLK
W2
I
TVDD
—
TSEC3_RX_DV
W1
I
TVDD
—
TSEC3_RX_ER
Y2
I
TVDD
—
TSEC3_TX_CLK
V10
I
TVDD
—
TSEC3_TX_EN
V9
O
TVDD
30
Three-Speed Ethernet Controller (Gigabit Ethernet 4)
TSEC4_TXD[3:0]/TSEC3_TXD[7:4]
AB8, Y7, AA7, Y8
O
TVDD
1, 5, 9,
29
TSEC4_RXD[3:0]/TSEC3_RXD[7:4]
AA1, Y3, AA2, AA4
I
TVDD
1
TSEC4_GTX_CLK
AA5
O
TVDD
—
TSEC4_RX_CLK/TSEC3_COL
Y5
I
TVDD
1
TSEC4_RX_DV/TSEC3_CRS
AA3
I/O
TVDD
1, 31
TSEC4_TX_EN/TSEC3_TX_ER
AB6
O
TVDD
1, 30
DUART
UART_CTS[0:1]
AB3, AC5
I
OVDD
—
UART_RTS[0:1]
AC6, AD7
O
OVDD
—
UART_SIN[0:1]
AB5, AC7
I
OVDD
—
UART_SOUT[0:1]
AB7, AD8
O
OVDD
—
Table 71. MPC8548E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com