Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548ECHXATHC Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXATHC
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATHC Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXATHC Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
104
Freescale Semiconductor
Package Description
25.These are test signals for factory use only and must be pulled up (100
–1 k) to OV
DD for normal machine operation.
26.Independent supplies derived from board VDD.
27.Recommend a pull-up resistor (~1 k
) be placed on this pin to OV
DD.
29. The following pins must NOT be pulled down during power-on reset: TSEC3_TXD[3], TSEC4_TXD3/TSEC3_TXD7,
HRESET_REQ, TRIG_OUT/READY/QUIESCE, MSRCID[2:4], ASLEEP.
30.This pin requires an external 4.7-k
 pull-down resistor to prevent PHY from seeing a valid transmit enable before it is actively
driven.
31.This pin is only an output in eTSEC3 FIFO mode when used as Rx flow control.
32.These pins must be connected to XVDD.
33.TSEC2_TXD1, TSEC2_TX_ER are multiplexed as cfg_dram_type[0:1]. They must be valid at power-up, even before
HRESET assertion.
34.These pins must be pulled to ground through a 300-
 (±10%) resistor.
35.When a PCI block is disabled, either the POR config pin that selects between internal and external arbiter must be pulled
down to select external arbiter if there is any other PCI device connected on the PCI bus, or leave the PCIn_AD pins as ‘no
connect’ or terminated through 2–10 k
 pull-up resistors with the default of internal arbiter if the PCIn_AD pins are not
connected to any other PCI device. The PCI block drives the PCIn_AD pins if it is configured to be the PCI arbiter—through
POR config pins—irrespective of whether it is disabled via the DEVDISR register or not. It may cause contention if there is
any other PCI device connected on the bus.
36.MDIC0 is grounded through an 18.2-
 precision 1% resistor and MDIC1 is connected to GV
DD through an 18.2- precision
1% resistor. These pins are used for automatic calibration of the DDR IOs.
38.These pins must be left floating.
39. If PCI1 or PCI2 is configured as PCI asynchronous mode, a valid clock must be provided on pin PCI1_CLK or PCI2_CLK.
Otherwise the processor will not boot up.
40.These pins must be connected to GND.
101.This pin requires an external 4.7-k
 resistor to GND.
102.For Rev. 2.x silicon, DMA_DACK[0:1] must be 0b11 during POR configuration; for rev. 1.x silicon, the pin values during
POR configuration are don’t care.
103.If these pins are not used as GPINn (general-purpose input), they must be pulled low (to GND) or high (to LVDD) through
2–10 k
 resistors.
104.These must be pulled low to GND through 2–10 k
 resistors if they are not used.
105.These must be pulled low or high to LVDD through 2–10 k resistors if they are not used.
106.For rev. 2.x silicon, DMA_DACK[0:1] must be 0b10 during POR configuration; for rev. 1.x silicon, the pin values during POR
configuration are don’t care.
107.For rev. 2.x silicon, DMA_DACK[0:1] must be 0b01 during POR configuration; for rev. 1.x silicon, the pin values during POR
configuration are don’t care.
108.For rev. 2.x silicon, DMA_DACK[0:1] must be 0b11 during POR configuration; for rev. 1.x silicon, the pin values during POR
configuration are don’t care.
109.This is a test signal for factory use only and must be pulled down (100
– 1 k) to GND for normal machine operation.
110.These pins must be pulled high to OVDD through 2–10 k resistors.
111.If these pins are not used as GPINn (general-purpose input), they must be pulled low (to GND) or high (to OVDD) through
2–10 k
 resistors.
112.This pin must not be pulled down during POR configuration.
113.These should be pulled low or high to OVDD through 2–10 k resistors.
Table 71. MPC8548E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com