Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548ECHXATHC Datasheet(PDF) 130 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXATHC
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATHC Datasheet(HTML) 130 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXATHC Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 134Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
130
Freescale Semiconductor
Clocking
20 Clocking
This section describes the PLL configuration of the device. Note that the platform clock is identical to the
core complex bus (CCB) clock.
20.1
Clock Ranges
Table 75 through Table 77 provide the clocking specifications for the processor cores and Table 78,
through Table 80 provide the clocking specifications for the memory bus.
Table 75. Processor Core Clocking Specifications (MPC8548E and MPC8547E)
Characteristic
Maximum Processor Core Frequency
Unit
Notes
1000 MHz
1200 MHz
1333 MHz
Min
Max
Min
Max
Min
Max
e500 core processor frequency
800
1000
800
1200
800
1333
MHz
1, 2
Notes:
1. Caution: The CCB to SYSCLK ratio and e500 core to CCB ratio settings must be chosen such that the resulting SYSCLK
frequency, e500 (core) frequency, and CCB frequency do not exceed their respective maximum or minimum operating
frequencies. See Section 20.2, “CCB/SYSCLK PLL Ratio,” and Section 20.3, “e500 Core PLL Ratio,” for ratio settings.
2.)The minimum e500 core frequency is based on the minimum platform frequency of 333 MHz.
Table 76. Processor Core Clocking Specifications (MPC8545E)
Characteristic
Maximum Processor Core Frequency
Unit
Notes
800 MHz
1000 MHz
1200 MHz
Min
Max
Min
Max
Min
Max
e500 core processor frequency
800
800
800
1000
800
1200
MHz
1, 2
Notes:
1. Caution: The CCB to SYSCLK ratio and e500 core to CCB ratio settings must be chosen such that the resulting SYSCLK
frequency, e500 (core) frequency, and CCB frequency do not exceed their respective maximum or minimum operating
frequencies. See Section 20.2, “CCB/SYSCLK PLL Ratio,” and Section 20.3, “e500 Core PLL Ratio,” for ratio settings.
2.)The minimum e500 core frequency is based on the minimum platform frequency of 333 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com