Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4891-2ARMZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4891-2ARMZ-R7
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4891-2ARMZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4891-2ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADA4891-1/ADA4891-2
Rev. A | Page 4 of 20
TA = 25°C, VS = 3.0 V, RL = 1 kΩ to 1.5 V, unless otherwise noted.
Table 2.
Parameter
Test Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
G = +1, VO = 0.2 V p-p
190
MHz
G = +2, VO = 0.2 V p-p, RL = 150 Ω to 2.5 V, RF = 604 Ω
75
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VO = 2 V p-p, RL = 150 Ω to 2.5 V, RF = 604 Ω
18
MHz
Slew Rate (tR/tF)
G = +2, VO = 2 V step
140/230
V/μs
Large Signal Frequency Response
G = +2, VO = 2 V p-p, RL = 150 Ω
40
MHz
Settling Time to 0.1%
G = +2, VO = 2 V step
30
ns
NOISE/DISTORTION PERFORMANCE
Total Harmonic Distortion
fC = 1 MHz, VO = 2 V p-p, G = −1
−70/−89
dBc
Input Voltage Noise
f = 1 MHz
10
nV/√Hz
Differential Gain Error (NTSC)
G = +2, RL = 150 Ω to 0.5 V, +VS = 2 V, −VS = −1 V
0.23
%
Differential Phase Error (NTSC)
G = +2, RL = 150 Ω to 0.5 V, + VS = 2 V, −VS = −1 V
0.77
Degrees
Crosstalk
f = 5 MHz, G = +2
−80
dB
DC PERFORMANCE
Input Offset Voltage
±2.5
±10
mV
TMIN to TMAX
±3.2
mV
Offset Drift
6
μV/°C
Input Bias Current
−50
+2
+50
pA
Open-Loop Gain
72
76
dB
RL = 150 Ω to 1.5 V
65
dB
INPUT CHARACTERISTICS
Input Resistance
5
GΩ
Input Capacitance
3.2
pF
Input Common-Mode Voltage Range
−VS − 0.3 to
+VS − 0.8
V
Common-Mode Rejection Ratio (CMRR)
VCM = 0 V to 1.5 V
68
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 1 kΩ to 1.5 V
0.005 to 2.985
V
RL = 150 Ω to 1.5 V
0.095 to 2.965
V
Output Current
1% THD with 1 MHz, 2 V p-p output
50
mA
Short-Circuit Current
Sourcing
150
mA
Sinking
95
mA
Capacitive Load Drive
G = +1
15
pF
POWER SUPPLY
Operating Range
2.7
5.5
V
Quiescent Current per Amplifier
3.5
mA
Positive Power Supply Rejection Ratio (PSRR)
+VS = 3 V to 3.15 V, −VS = 0 V
76
dB
Negative Power Supply Rejection Ratio (PSRR)
+VS = 3 V, −VS = −0.15 V to 0 V
72
dB
OPERATING TEMPERATURE RANGE
−40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com