Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4891-2ARMZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4891-2ARMZ-R7
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4891-2ARMZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4891-2ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADA4891-1/ADA4891-2
Rev. A | Page 7 of 20
–
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
1
0.1
10
100
FREQUENCY (MHz)
VS = 3V
G = +2
VOUT = 2V p-p
RL = 150Ω
RF = 604Ω
RF = 549Ω
RF = 649Ω
RF = 698Ω
Figure 12. 0.1 dB Gain Flatness vs. RF, VS = 3 V
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
0.1
1
10
100
1k
FREQUENCY (MHz)
VS = +5V
RL = 150Ω
VOUT = 2V p-p
G = +1
RF = 0Ω
G = –1
RF = 604Ω
G = +2
RF = 604Ω
G = +5
RF = 604Ω
Figure 13. Large Signal Frequency Response vs. Gain, VS = 5 V
–10
–9
0.1
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
G = –1
VOUT = 2V p-p
G = +2
VOUT = 2V p-p
G = +1
VOUT = 1V p-p
G = +5
VOUT = 2V p-p
VS = 3V
RF = 604Ω
RL = 150Ω
Figure 14. Large Signal Frequency Response vs. Gain, VS = 3 V
–120
–110
–100
–90
–80
–70
–60
–50
40
0.1
1
10
FREQUENCY (MHz)
VS = 5V
RL = 1kΩ
VOUT = 2V p-p
G = +2
SECOND HARMONIC
G = +1
SECOND HARMONIC
G = +2
THIRD HARMONIC
G = +1
THIRD HARMONIC
Figure 15. Harmonic Distortion (HD2, HD3) vs. Frequency, VS = 5 V
–
–90
–80
–70
–60
–50
–40
30
0.1
1
10
FREQUENCY (MHz)
VS = 3V
RL = 1kΩ
VOUT = 2V p-p
G = +1
THIRD HARMONIC
G = +1
SECOND HARMONIC
G = +2
SECOND HARMONIC
OUT
IN
+VS = 2V
–VS = –1V
G = +1 CONFIGURATION
1k
Ω
50
Ω
G = +2
THIRD HARMONIC
Figure 16. Harmonic Distortion (HD2, HD3) vs. Frequency, VS = 3 V
–
–120
–110
–100
–90
–80
–70
–60
–50
40
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT VOLTAGE (V p-p)
G = +1
THIRD HARMONIC
VS = 5V
RF = 604Ω
RL = 1kΩ
fC = 1MHz
G = –1
THIRD HARMONIC
G = +1
SECOND HARMONIC
G = –1
SECOND HARMONIC
Figure 17. Harmonic Distortion vs. Output Voltage, VS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com