Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4891-2ARMZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4891-2ARMZ-R7
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4891-2ARMZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4891-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADA4891-1/ADA4891-2
Rev. A | Page 12 of 20
APPLICATIONS INFORMATION
USING THE ADA4891
Understanding the subtleties of the ADA4891 family gives users
insight into how to exact its peak performance. In this section, how
the gain, component values, and parasitics affect the performance
of the ADA4891 are discussed. The wideband, noninverting
configuration of the ADA4891 is shown in Figure 41, while the
wideband, inverting configuration of the ADA4891 is shown
in Figure 42.
WIDEBAND, NONINVERTING OPERATION
ADA4891-1
RF
RG
RT
50
Ω
SOURCE
RL
+VS
10µF
0.1µF
VI
VO
–VS
10µF
0.1µF
Figure 41. Noninverting Configuration
In Figure 41, RF and RG denote the feedback and the gain resistor,
respectively. Together, RF and RG determine the noise gain of the
amplifier, and the value of RF defines the 0.1 dB bandwidth. The
effect of RF on the 0.1 dB gain flatness is discussed in the Effect
of RF on 0.1 dB Gain Flatness section. Typical RF values range
from 549 Ω to 698 Ω.
In a controlled impedance signal path, RT is used as the input
termination resistor designed to match that of the input source
impedance. Note that it is not required for normal operation.
RT is generally set to match the input source impedance.
WIDEBAND, INVERTING GAIN OPERATION
ADA4891-1
RF
RT
RG
50
Ω
SOURCE
RL
+VS
–VS
VI
VO
10µF
0.1µF
10µF
0.1µF
Figure 42. Inverting Configuration
Figure 42 shows the inverting gain configuration. To match the
input source impedance for the inverting gain configuration, set
the parallel combination of RT//RG to match that of the input
source impedance.
Note that a bias current cancellation resistor is not required in
the noninverting input of the amplifier because the input bias
current of the ADA4891 is very low (less than 10 pA). Therefore,
the dc errors caused by the bias current are negligible.
For both configurations, it is often useful to increase the RF value
to decrease the loading on the output. Increasing the RF value
improves the harmonic distortion at the expense of reducing
the 0.1 dB bandwidth of the amplifier. This effect is discussed
further in the Effect of RF on 0.1 dB Gain Flatness section.
RECOMMENDED VALUES
Table 4 provides a handy reference for various configurations
and shows the effect of gain on the −3 dB small signal bandwidth,
slew rate, and peaking of the ADA4891-1/ADA4891-2. Note
that as the gain increases, the small signal bandwidth decreases
as is expected from the gain bandwidth product relationship. In
addition, the phase margin improves with higher gains, and the
amplifier becomes more stable. As a result, the peaking in the
frequency response is reduced (see Figure 6).
Table 4. Recommended Values for the ADA4891-1/ADA4891-2 Performance
Feedback Network Values
−3 dB Small Signal Bandwidth (MHz)
Slew Rate (V/μs)
Peaking (dB)
Gain
RF
RG
VOUT = 200 mV p-p
tR
tF
−1
604
604
118
188
192
1.3
+1
0
0
236
154
263
2.6
+2
604
604
120
178
204
1.4
+5
604
151
32.5
149
154
0
+10
604
67.1
12.7
71
72
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com