Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR125AUJZ-R21 Datasheet(PDF) 14 Page - Analog Devices

Part # ADR125AUJZ-R21
Description  Precision, Micropower LDO Voltage References in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR125AUJZ-R21 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADR125AUJZ-R21 Datasheet HTML 10Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 11Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 12Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 13Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 14Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 15Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 16Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 17Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADR121/ADR125/ADR127
Rev. B | Page 14 of 20
1
2
VOUT
100mV/DIV
TIME (40µs/DIV)
2.5V
0V
VIN 1V/DIV
CIN = COUT = 0.1µF
500Ω LOAD
5mA SOURCING
Figure 44. ADR121 Load Transient Response (Sourcing)
1
2
VOUT
20mV/DIV
TIME (40µs/DIV)
10V
5V
VIN 2V/DIV
CIN = COUT = 0.1µF
2.5kΩ LOAD
2mA SINKING
Figure 45. ADR125 Load Transient Response (Sinking)
1
2
VOUT
100mV/DIV
TIME (40µs/DIV)
5V
0V
VIN 2V/DIV
CIN = COUT = 0.1µF
1kΩ LOAD
5mA SOURCING
Figure 46. ADR125 Load Transient Response (Sourcing)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
10
100M
100
1k
10k
100k
1M
10M
1
Figure 47. ADR121/ADR125/ADR127 PSRR
10
100
FREQUENCY (Hz)
1k
10k
100k
1
ADR121
ADR125
ADR127
50
45
40
35
30
25
20
15
10
5
0
Figure 48. ADR121/ADR125/ADR127 Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com