Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR125AUJZ-R21 Datasheet(PDF) 15 Page - Analog Devices

Part # ADR125AUJZ-R21
Description  Precision, Micropower LDO Voltage References in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR125AUJZ-R21 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADR125AUJZ-R21 Datasheet HTML 11Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 12Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 13Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 14Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 15Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 16Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 17Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 18Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADR121/ADR125/ADR127
Rev. B | Page 15 of 20
TERMINOLOGY
Temperature Coefficient
The change in output voltage with respect to operating
temperature change normalized by the output voltage at 25°C.
This parameter is expressed in ppm/°C and can be determined
as follows:
[]
()
( )
() (
)
6
10
C
25
C
ppm/
×
−
×
°
−
=
°
1
2
OUT
1
OUT
2
UT
O
OUT
T
T
V
T
V
T
V
TCV
(1)
where:
VOUT(25°C) = VOUT at 25°C.
VOUT(T1) = VOUT at Temperature 1.
VOUT(T2) = VOUT at Temperature 2.
Line Regulation
The change in the output voltage due to a specified change
in input voltage. This parameter accounts for the effects of
self-heating. Line regulation is expressed in percent per volt,
parts-per-million per volt, or microvolts per voltage change in
input voltage.
Load Regulation
The change in output voltage due to a specified change in load
current. This parameter accounts for the effects of self-heating.
Load regulation is expressed in microvolts per milliampere,
parts-per-million per milliampere, or ohms of dc output
resistance.
Long-Term Stability
Typical shift of output voltage at 25°C on a sample of parts
subjected to a test of 1000 hours at 25°C.
( )( )
[]
()
( )
()
6
10
ppm
×
−
=
Δ
−
Δ
0
OUT
1
OUT
0
OUT
OUT
1
UT
O
0
OUT
UT
O
t
V
t
V
t
V
V
t
V
t
V
V
(2)
where:
VOUT(t0) = VOUT at 25°C at Time 0.
VOUT(t1) = VOUT at 25°C after 1000 hours operating at 25°C.
Thermal Hysteresis
The change in output voltage after the device is cycled through
temperatures from +25°C to −40°C to +125°C and back to
+25°C. This is a typical value from a sample of parts put
through such a cycle.
(
)
TC
OUT
OUT
HYS
OUT
V
V
V
_
_
C
25
−
°
=
(3)
[]
()
()
6
_
_
10
C
25
C
25
ppm
×
°
−
°
=
OUT
TC
OUT
UT
O
HYS
OUT
V
V
V
V
where:
VOUT(25°C) = VOUT at 25°C.
VOUT_TC = VOUT at 25°C after temperature cycle at +25°C to
−40°C to +125°C and back to +25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com