Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR125AUJZ-R21 Datasheet(PDF) 17 Page - Analog Devices

Part # ADR125AUJZ-R21
Description  Precision, Micropower LDO Voltage References in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR125AUJZ-R21 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADR125AUJZ-R21 Datasheet HTML 12Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 13Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 14Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 15Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 16Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 17Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 18Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 19Page - Analog Devices ADR125AUJZ-R21 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADR121/ADR125/ADR127
Rev. B | Page 17 of 20
APPLICATIONS INFORMATION
BASIC VOLTAGE REFERENCE CONNECTION
The circuit in Figure 49 illustrates the basic configuration for
the ADR12x family voltage reference.
NC
VOUT
NC
ADR12x
1
2
3
6
5
4
NC
GND
VIN
0.1µF
0.1µF
OUTPUT
INPUT
+
+
Figure 49. Basic Configuration for the ADR12x Family
STACKING REFERENCE ICs FOR ARBITRARY
OUTPUTS
Some applications may require two reference voltage sources
that are a combined sum of the standard outputs. Figure 50
shows how this stacked output reference can be implemented.
NC
VOUT
NC
ADR12x
1
2
3
6
5
4
NC
GND
VIN
NC
VOUT
NC
ADR12x
1
2
3
6
5
4
NC
GND
VIN
VOUT2
VOUT1
VIN
0.1µF
0.1µF
0.1µF
0.1µF
U2
U1
Figure 50. Stacking References with the ADR12x
Two reference ICs are used and fed from an unregulated input,
VIN. The outputs of the individual ICs are connected in series,
which provides two output voltages, VOUT1 and VOUT2. VOUT1 is
the terminal voltage of U1, whereas VOUT2 is the sum of this
voltage and the terminal of U2. U1 and U2 are chosen for the
two voltages that supply the required outputs (see Table 6). For
example, if U1 and U2 are ADR127s and VIN ≥ 3.95 V, VOUT1 is
1.25 V and VOUT2 is 2.5 V.
Table 6. Required Outputs
U1/U2
VOUT2
VOUT1
ADR127/ADR121
1.25 V
3.75 V
ADR127/ADR125
1.25 V
6.25 V
ADR121/ADR125
2.5 V
7.5 V
NEGATIVE PRECISION REFERENCE WITHOUT
PRECISION RESISTORS
A negative reference is easily generated by adding an op
amp, for example, the AD8603, and is configured as shown in
Figure 51. VOUT is at virtual ground and, therefore, the negative
reference can be taken directly from the output of the op amp.
The op amp must be dual-supply, low offset, and rail-to-rail if
the negative supply voltage is close to the reference output.
NC
VOUT
NC
ADR127
AD8603
1
2
3
6
5
4
NC
GND
–
V+
V–
3
2
+
VIN
0.1µF
+VDD
–VREF
1kΩ
–VDD
Figure 51. Negative Reference
GENERAL-PURPOSE CURRENT SOURCE
In low power applications, the need can arise for a precision
current source that can operate on low supply voltages. The
ADR12x can be configured as a precision current source (see
Figure 52). The circuit configuration shown is a floating current
source with a grounded load. The reference’s output voltage is
bootstrapped across RSET, which sets the output current into the
load. With this configuration, circuit precision is maintained for
load currents ranging from the reference’s supply current, typi-
cally 85 μA, to approximately 5 mA.
NC
VOUT
NC
RL
ADR12x
1
2
3
6
5
4
NC
GND
VIN
ISY
+VDD
RSET
P1
ISET
Figure 52. ADR12x Trim Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com