Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TM3
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, for Medical Instruments
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TM3 Datasheet(HTML) 5 Page - Vishay Siliconix

  TM3 Datasheet HTML 1Page - Vishay Siliconix TM3 Datasheet HTML 2Page - Vishay Siliconix TM3 Datasheet HTML 3Page - Vishay Siliconix TM3 Datasheet HTML 4Page - Vishay Siliconix TM3 Datasheet HTML 5Page - Vishay Siliconix TM3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TM3
www.vishay.com
Vishay Sprague
Revision: 02-Jul-13
5
Document Number: 40166
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RECOMMENDED VOLTAGE DERATING GUIDELINES (for temperatures below + 85 °C)
STANDARD CONDITIONS. FOR EXAMPLE: OUTPUT FILTERS
Capacitor Voltage Rating
Operating Voltage
4.0
2.5
6.3
3.3
10
5.0
16
8.0
20
10
SEVERE CONDITIONS. FOR EXAMPLE: INPUT FILTERS
Capacitor Voltage Rating
Operating Voltage
4.0
2.5
6.3
3.6
10
6.0
16
10
20
12
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT + 25 °C (W) IN FREE AIR
A
0.075
B
0.085
C
0.110
D
0.150
E
0.165
STANDARD PACKAGING QUANTITY
CASE CODE
UNITS PER REEL
7" FULL REEL
7" HALF REEL
A
2000
1000
B
2000
1000
C
500
250
D
500
250
E
400
200
PRODUCT INFORMATION
Guide for Molded Tantalum Capacitors
www.vishay.com/doc?40074
Pad Dimensions
Packaging Dimensions
Moisture Sensitivity
www.vishay.com/doc?40135
SELECTOR GUIDES
Solid Tantalum Selector Guide
www.vishay.com/doc?49053
Solid Tantalum Chip Capacitors
www.vishay.com/doc?40091
FAQ
Frequently Asked Questions
www.vishay.com/doc?40110



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com