Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TM3
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, for Medical Instruments
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TM3 Datasheet(HTML) 2 Page - Vishay Siliconix

  TM3 Datasheet HTML 1Page - Vishay Siliconix TM3 Datasheet HTML 2Page - Vishay Siliconix TM3 Datasheet HTML 3Page - Vishay Siliconix TM3 Datasheet HTML 4Page - Vishay Siliconix TM3 Datasheet HTML 5Page - Vishay Siliconix TM3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TM3
www.vishay.com
Vishay Sprague
Revision: 02-Jul-13
2
Document Number: 40166
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
1.0
A
1.5
A
A
2.2
A
A
A/B
B
3.3
A
A
A/B
B
4.7
A/B
A/B
C
6.8
B
B
B
B/C
10
A/B
A/B
B/C
C
15
B/C
B/C
22
A/B/C
B/C
B/C/D
C/D
33
B
B/C/D
D
D
47
B/C/D
C/D
C/D
E
68
BDDD
100
D
D
D
D/E
150
D
D
220
D/E
D/E
E
MARKING
“A” CASE VOLTAGE CODE
VOLTS
CODE
4.0
G
6.3
J
10
A
16
C
20
D
25
E
35
V
50
T
Marking
Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. “A” case capacitors use a letter
code for the voltage and EIA capacitance code.
The Vishay Sprague® trademark is included if space permits. Capacitors rated at 6.3 V are marked 6 V.
A manufacturing date code is marked on all capacitors.
Call the factory for further explanation.
Capacitance Code, pF
Indicates TM3 Series
Polarity Band (+)
Voltage
Code
J 225M
A Case
Date Code
Vishay
Sprague Logo
Indicates TM3 Series
Voltage
Capacitance μF
Polarity
Band (+)
22
M10
XX
2
B, C, D, E Cases



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com