Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TM3
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, for Medical Instruments
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TM3 Datasheet(HTML) 1 Page - Vishay Siliconix

  TM3 Datasheet HTML 1Page - Vishay Siliconix TM3 Datasheet HTML 2Page - Vishay Siliconix TM3 Datasheet HTML 3Page - Vishay Siliconix TM3 Datasheet HTML 4Page - Vishay Siliconix TM3 Datasheet HTML 5Page - Vishay Siliconix TM3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TM3
www.vishay.com
Vishay Sprague
Revision: 02-Jul-13
1
Document Number: 40166
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Surface Mount Chip Capacitors
TANTAMOUNT®, Molded Case, for Medical Instruments
PERFORMANCE/ELECTRICAL
CHARACTERISTICS
Operating Temperature: - 55 °C to + 125 °C
(above 85 °C, voltage derating is required)
Capacitance Range: 1 μF to 220 μF
Capacitance Tolerance: ± 10 %, ± 20 % standard
Voltage Rating: 4 VDC to 20 VDC
FEATURES
• For non-life support medical applications
• High reliability
• Weibull grading options
• 100 % surge current tested (B, C, D, E cases)
• Terminations: 100 % matte tin and tin/lead
• Standard EIA 535BAAC case sizes (A through E)
• Manufacturing location is certified to medical standard
ISO 13485
• Compliant terminations
• Mounting: Surface mount
• Dry pack as per IPC/JEDEC J-STD-033 standard
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and/or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information/tables in this datasheet for details.
Note
• Glue pad (non-conductive, part of molded case) is dedicated for glue attachment (as user option).
Available
Available
ORDERING INFORMATION
TM3
C
226
K
6R3
C
B
A
TYPE
CASE
CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE
RATING AT + 85 °C
TERMINATION
AND PACKAGING
RELIABILITY
LEVEL
SURGE
CURRENT
See
Ratings
and Case
Codes
table.
This is expressed
in picofarads. The
first two digits are
the significant
figures. The third
is the number of
zeros to follow.
K = ± 10 %
M = ± 20 %
This is expressed in
volts. To complete
the three-digit block,
zeros precede the
voltage rating.
A decimal point is
indicated by an “R”
(6R3 = 6.3 V).
C: Matte tin/
7" (178 mm) reel
H: Matte tin/
7" (178 mm) ½ reel
E: Tin/lead/
7" (178 mm) reel
L: Tin/lead/
7" (178 mm) ½ reel
B = 0.1 %
Weibull FRL
S = Hi-Rel std.
(40 h burn-in)
Z = Non-
established
reliability
A = 10 cycles at
+ 25 °C, 1.1 RV
Z = No surge
(for A case only)
DIMENSIONS in inches (millimeters)
CASE CODE
EIA SIZE
L
W
H
P
TW
TH (MIN.)
A
3216-18
0.126 ± 0.008
[3.2 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.047 ± 0.004
[1.2 ± 0.10]
0.028
[0.70]
B
3528-21
0.138 ± 0.008
[3.5 ± 0.20]
0.110 ± 0.008
[2.8 ± 0.20]
0.075 ± 0.008
[1.9 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.028
[0.70]
C
6032-28
0.236 ± 0.012
[6.0 ± 0.30]
0.126 ± 0.012
[3.2 ± 0.30]
0.098 ± 0.012
[2.5 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.039
[1.0]
D
7343-31
0.287 ± 0.012
[7.3 ± 0.30]
0.169 ± 0.012
[4.3 ± 0.30]
0.110 ± 0.012
[2.8 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.094 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
E
7343-43
0.287 ± 0.012
[7.3 ± 0.30]
0.169 ± 0.012
[4.3 ± 0.30
0.157 ± 0.012
[4.0 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.094 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
H
W
T
W
P
L
T
H
(MIN.)
Glue Pad
Glue Pad


Similar Part No. - TM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TM3 VISHAY-TM3 Datasheet
546Kb / 16P
Solid Tantalum Surface Mount Chip Capacitors
22-Jun-17
logo
PANDUIT CORP.
TM3-X2-C0Y PANDUIT-TM3-X2-C0Y Datasheet
4Mb / 16P
Heavy Duty Cable Management Solutions
5/2017
logo
ABB
TM30/12 ABB-TM30/12 Datasheet
779Kb / 5P
TM30/12 Fail safe bell transformer
11/29/2019
TM30/24 ABB-TM30/24 Datasheet
95Kb / 3P
TM30/24 Fail safe bell transformer
2024/06/23
logo
Tumbler Technologies + ...
TM300 TRUMPOWER-TM300 Datasheet
277Kb / 3P
300 WATT MEDICAL POWER SUPPLIES
More results

Similar Description - TM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
09-Apr-13
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
08-Oct-12
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
17-Jun-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
26-Jun-13
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
04-Jul-13
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
04-Jul-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
08-Jan-14
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
04-Jul-13
TF3 VISHAY-TF3 Datasheet
631Kb / 23P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?? Molded Case, Built-In-Fuse
13-Sep-16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com