Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5603 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL5603
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5603 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL5603 Datasheet HTML 9Page - Anpec Electronics Coropration APL5603 Datasheet HTML 10Page - Anpec Electronics Coropration APL5603 Datasheet HTML 11Page - Anpec Electronics Coropration APL5603 Datasheet HTML 12Page - Anpec Electronics Coropration APL5603 Datasheet HTML 13Page - Anpec Electronics Coropration APL5603 Datasheet HTML 14Page - Anpec Electronics Coropration APL5603 Datasheet HTML 15Page - Anpec Electronics Coropration APL5603 Datasheet HTML 16Page - Anpec Electronics Coropration APL5603 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Mar., 2011
www.anpec.com.tw
13
APL5603
Package Information
SOP-8
L
VIEW A
SEATING PLANE
GAUGE PLANE
Note: 1. Follow JEDEC MS-012 AA.
2. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion or gate burrs shall not exceed 6 mil per side.
3. Dimension “E” does not include inter-lead flash or protrusions.
Inter-lead flash and protrusions shall not exceed 10 mil per side.
S
Y
M
B
O
L
MIN.
MAX.
1.75
0.10
0.17
0.25
0.25
A
A1
c
D
E
E1
e
h
L
MILLIMETERS
b
0.31
0.51
SOP-8
0.25
0.50
0.40
1.27
MIN.
MAX.
INCHES
0.069
0.004
0.012
0.020
0.007
0.010
0.010
0.020
0.016
0.050
0
0.010
1.27 BSC
0.050 BSC
A2
1.25
0.049
0
°
8
°
0
°
8
°
3.80
5.80
4.80
4.00
6.20
5.00
0.189
0.197
0.228
0.244
0.150
0.157
D
e
SEE VIEW A
c
b
°
SEATING PLANE < 4 mils
-T-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com