Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5603 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5603
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5603 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5603 Datasheet HTML 2Page - Anpec Electronics Coropration APL5603 Datasheet HTML 3Page - Anpec Electronics Coropration APL5603 Datasheet HTML 4Page - Anpec Electronics Coropration APL5603 Datasheet HTML 5Page - Anpec Electronics Coropration APL5603 Datasheet HTML 6Page - Anpec Electronics Coropration APL5603 Datasheet HTML 7Page - Anpec Electronics Coropration APL5603 Datasheet HTML 8Page - Anpec Electronics Coropration APL5603 Datasheet HTML 9Page - Anpec Electronics Coropration APL5603 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Mar., 2011
www.anpec.com.tw
6
APL5603
Operating Waveforms
(Refer to the application circuit 1 in the section “Typical Application Circuits,” V
IN=5V, VOUT=3.3V, COUT=2.2µF, unless
otherwise specified.)
CH1 : V
IN , 2V/div
CH3 : V
OUT , 2V/div
CH4 : I
OUT , 500mA/div
Time : 1ms/div
Power On
2
1
V
IN
V
OUT
I
OUT
3
Power Off
CH1 : V
IN , 2V/div
CH2 : V
OUT , 2V/div
CH3 : I
OUT , 500mA/div
Time : 200ms/div
2
1
3
V
IN
V
SET
V
OUT
I
OUT
V
IN
V
OUT
I
OUT
Enable
CH1 : V
EN , 5V/div
CH2 : V
OUT , 2V/div
CH3 : I
OUT , 500mA/div
Time : 100
µs/div
V
EN
V
OUT
I
OUT
2
1
3
Shutdown
CH1 : V
EN , 5V/div
CH2 : V
OUT , 2V/div
CH3 : I
OUT , 500mA/div
Time : 20
µs/div
2
1
3
V
EN
V
OUT
I
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com