Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5603 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5603
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5603 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5603 Datasheet HTML 1Page - Anpec Electronics Coropration APL5603 Datasheet HTML 2Page - Anpec Electronics Coropration APL5603 Datasheet HTML 3Page - Anpec Electronics Coropration APL5603 Datasheet HTML 4Page - Anpec Electronics Coropration APL5603 Datasheet HTML 5Page - Anpec Electronics Coropration APL5603 Datasheet HTML 6Page - Anpec Electronics Coropration APL5603 Datasheet HTML 7Page - Anpec Electronics Coropration APL5603 Datasheet HTML 8Page - Anpec Electronics Coropration APL5603 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Mar., 2011
www.anpec.com.tw
2
APL5603
Marking for SOT-23-5 package
Product Name
Marking
Product Name
Marking
Product Name
Marking
APL5603-12B
635X
APL5603-15B
639X
APL5603-18B
63CX
APL5603-25B
63JX
APL5603-28B
63MX
APL5603-30B
63OX
APL5603-33B
63RX
* “X” in the marking indicates data code.
Marking for TSOT-23-5 package
Product Name
Marking
Product Name
Marking
Product Name
Marking
APL5603-12BT
635X
APL5603-15BT
639X
APL5603-18BT
63CX
APL5603-25BT
63JX
APL5603-28BT
63MX
APL5603-30BT
63OX
APL5603-33BT
63RX
* “X” in the marking indicates data code.
Absolute Maximum Ratings (Note 2)
Symbol
Parameter
Rating
Unit
VIN
VIN Supply Voltage (VIN to GND)
-0.3 to 6.5
V
TJ
Maximum Junction Temperature
150
oC
VOUT
Output Voltage (VOUT to GND)
-0.3 to VIN+0.3
V
VEN
EN Pin Voltage (VEN to GND)
-0.3 to 6.5
V
TSTG
Storage Temperature Range
-65 to 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
PD
Power Dissipation
Internally Limited
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Note 1: For other voltage versions please contact ANPEC for details.
Note 2: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Voltage Code (Note 1)
12 : 1.2V
15 : 1.5V
18 : 1.8V
25 : 2.5V
28 : 2.8V
30 : 3.0V
33 : 3.3V
Package Code
B : SOT-23-5
BT : TSOT-23-5
K : SOP-8
QA : DFN3x3-8
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APL5603
Handling Code
Temperature Range
Package Code
Assembly Material
Voltage Code
APL5603-18 K :
XXXXX - Date Code ; 18 - Voltage Code
APL5603
XXXXX 18
APL5603-18 QA :
XXXXX - Date Code ; 18 - Voltage Code
L5603
18
XXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com