Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7008 Datasheet(PDF) 12 Page - Anpec Electronics Coropration

Part # APW7008
Description  1X/1.5X/2x Charge Pump White LED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7008 Datasheet(HTML) 12 Page - Anpec Electronics Coropration

Back Button APW7008_12 Datasheet HTML 8Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 9Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 10Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 11Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 12Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 13Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 14Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 15Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 16Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2009
APW7008
www.anpec.com.tw
12
Typical Application Circuit
APW7008
CIN
1
µF
C2
1
µF
C2+
VIN
VOUT
ISET
ILED4
ILED3
ILED2
ILED1
C2-
C1+
C1-
GND
CTRL2
CTRL1
CTRL0
EN
C1
1
µF
Battery
Digital
Inputs
RSET
4
3
2
1
5
6
7
8
9
10
11
12
16
15
14
13
COUT
1
µF
Block Diagram
Error
Amp
1x/1.5x/2x MODE CHARGE PUMP AND
GATE CONTROL LOGIC
+
-
+
-
+
-
+
-
1.2V
CONTROLLED
CURRENT
MIRROR
MODE SELECT
AND
MIN ILED SELECT
ISET
CTRL1
CTRL0
VIN
GND
C1+
C1-
C2+
C2-
VOUT
ILED1
ILED2
ILED3
ILED4
CURRENT LIMIT
0.1V
POR &
SOFT-START
1MHz
OSCILLATOR
EN
CTRL2
LED ON/OFF
CONTROL
0.18V
1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com