Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7008 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7008
Description  1X/1.5X/2x Charge Pump White LED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7008 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7008_12 Datasheet HTML 1Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 2Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 3Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 4Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 5Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 6Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 7Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 8Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2009
APW7008
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
APW7008
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Logic Pins Low Threshold
-
0.6
0.3
V
IIH
Logic Pins High Current
VIH = VIN
-
-
1
µA
IIL
Logic Pins Low Current
VIL = GND
-
-
1
µA
Thermal Shutdown
-
150
-
°C
Thermal Shutdown Hysteresis
-
20
-
°C
V
IN = 2.85 to 5.5V, CIN = COUT = C1 = C2 = 1µF (ESR = 0.03Ω), ILED = 20mA, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at T
A = +25°C.
Note 3: LED current accuracy is defined as:
± (ILED-MEASURED - ILED-SET) / ILED-SET
Note 4: LED current matching is defined as:
± (ILED-MAX - ILED-MIN) / (ILED-MAX + ILED-MIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com