Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7008 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7008
Description  1X/1.5X/2x Charge Pump White LED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7008 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7008_12 Datasheet HTML 1Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 2Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 3Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 4Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 5Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 6Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 7Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 8Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2009
APW7008
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
1X/1.5X/2x Charge Pump White LED Driver
Features
•
±1.5% LED Current Matching
•
High Efficiency Up to 90% Over Li-ion Battery
Discharge
•
Output Current Up to 30mA per LED
•
2.7V to 5.5V Operating Voltage
•
Allow to Turn On or Off a Combination of LEDs
•
1x/1.5x/2x Charge Pump Modes
•
Low Shutdown Current: 2
µA Maximum
•
Low Input Ripple and EMI
•
Internal Soft-Start Limits Inrush Current
•
Short Circuit Current-Limit
•
Thermal Shutdown Protection
•
Output Over-Voltage Protection
•
3mmx3mm 16-Pin QFN (QFN3X3-16) Package
•
Lead Free and Green Devices Available
(RoHS Compliant)
Applications
General Description
The APW7008 is a high efficiency charge pump white
LED driver; the device drives up four white LEDs with
regulated constant current for uniform intensity. The sup-
ply voltage ranges from 2.7V to 5.5V and it is optimized for
a Li-ion battery application. The APW7008 operates in 1x,
1.5x, and 2x charge pump modes and automatically
switches the charge pump modes depend on the input
voltage to maintain the required power for high power
efficiency. The APW7008 provides up to 30mA per LED
for a total of 120mA and allows several methods, such as
a PWM signal on the CTRL0 pin for LED dimming. Three
control logic pins allow to disable or enable a combina-
tion of LEDs. The supply current is only 2mA in 2x mode,
and the EN pin allows the device to enter shutdown mode
with 2
µA quiescent current. The APW7008 switches at
1MHz frequency and only requires four 1
µF ceramic ca-
pacitors and one resistor, and ensures low input current
ripple and EMI.
The APW7008 is available in a 16-pin QFN package.
•
Cellular Phone White LED Back Light
•
Portable Device
•
PDA and Handheld Computer
•
DSC
Pin Configuration
APW7008
QFN3x3-16 Top View
1
3
2
4
6
5
7
8
CTRL1
CTRL0
EN
CTRL2
C1+
C1-
GND
C2-
12
10
11
9
15
16
14
13
Metal
GND Pad
(Bottom)


Similar Part No. - APW7008_12

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7008QAI-TRG ANPEC-APW7008QAI-TRG Datasheet
318Kb / 21P
1X/1.5X/2x Charge Pump White LED Driver
More results

Similar Description - APW7008_12

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3140.2007.03.1.3
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3142.2007.03.1.2
logo
Monolithic Power System...
MP1519 MPS-MP1519 Datasheet
211Kb / 8P
1x, 1.5x, 2x High Efficiency Charge Pump 4 White LED Driver
MP1519L MPS-MP1519L Datasheet
244Kb / 9P
1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1313 YOBON-YB1313 Datasheet
636Kb / 9P
1x/1.5x/2x Charge Pump for White LED Application
YB1314 YOBON-YB1314 Datasheet
106Kb / 1P
120mA 1x/1.5x/2x Charge Pump for White LED
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
1X/1.5X/2x Charge Pump White LED Driver
logo
Monolithic Power System...
MP3021 MPS-MP3021 Datasheet
354Kb / 10P
1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com