Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7065C Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW7065C
Description  Synchronous Buck PWM Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7065C Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW7065C Datasheet HTML 7Page - Anpec Electronics Coropration APW7065C Datasheet HTML 8Page - Anpec Electronics Coropration APW7065C Datasheet HTML 9Page - Anpec Electronics Coropration APW7065C Datasheet HTML 10Page - Anpec Electronics Coropration APW7065C Datasheet HTML 11Page - Anpec Electronics Coropration APW7065C Datasheet HTML 12Page - Anpec Electronics Coropration APW7065C Datasheet HTML 13Page - Anpec Electronics Coropration APW7065C Datasheet HTML 14Page - Anpec Electronics Coropration APW7065C Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Mar., 2008
APW7065C
www.anpec.com.tw
11
Function Description (Cont.)
Shutdown and Enable
Pulling the COMP voltage to GND by an open drain
transistor, as shown in Typical Application Circuit,
shutdowns the APW 7065C PW M controller. In shut-
down mode, the UGATE and LGATE turn off and pull to
PHASE and GND respectively.
Under Voltage Protection
The FB pin is monitored during converter operation by
the internal Under Voltage (UV) comparator. If the FB volt-
age drops below 50% of the reference voltage (50% of
0.8V = 0.4V), a fault signal is internally generated, and the
device turns off both high-side and low-side MOSFET
and the converter’s output is latched to be floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com