Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7065C Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW7065C
Description  Synchronous Buck PWM Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7065C Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW7065C Datasheet HTML 9Page - Anpec Electronics Coropration APW7065C Datasheet HTML 10Page - Anpec Electronics Coropration APW7065C Datasheet HTML 11Page - Anpec Electronics Coropration APW7065C Datasheet HTML 12Page - Anpec Electronics Coropration APW7065C Datasheet HTML 13Page - Anpec Electronics Coropration APW7065C Datasheet HTML 14Page - Anpec Electronics Coropration APW7065C Datasheet HTML 15Page - Anpec Electronics Coropration APW7065C Datasheet HTML 16Page - Anpec Electronics Coropration APW7065C Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Mar., 2008
APW7065C
www.anpec.com.tw
13
Application Information (Cont.)
t
SW is the switching interval
D is the duty cycle
Note that both MOSFETs have conduction loss while the
upper MOSFET, including an additional transition loss.
The switching internal, t
SW, is a function of the reverse
transfer capacitance C
RSS. The (1+TC) term is to factor in
the temperature dependency of the R
DS(ON) and can be
extracted from the “R
DS(ON) vs. Temperature” curve of the
power MOSFET.
PWM Compensation
The output LC filter of a step down converter introduces a
double pole, which contributes with -40dB/decade gain
slope and 180 degrees phase shift in the control loop. A
compensation network among COMP, FB and V
OUT should
be added. The compensation network is shown in Fig-
ure 6. The output LC filter consists of the output inductor
and output capacitors. The transfer function of the LC
filter is given by:
MOSFET Selection (Cont.)
The poles and zero of this transfer functions are:
The F
LC is the double poles of the LC filter, and FESR is the
zero introduced by the ESR of the output capacitor.
Figure 3. The Output LC Filter
The PWM modulator is shown in Figure 5. The input is
the output of the error amplifier and the output is the
PHASE node. The transfer function of the PWM modu-
lator is given by:
Figure 5. The PWM Modulator
Figure 4. The LC Filter GAIN and Frequency
1
C
ESR
s
C
L
s
C
ESR
s
1
GAIN
OUT
OUT
2
OUT
LC
+
×
×
+
×
×
×
×
+
=
OUT
LC
C
L
2
1
F
×
×
π
×
=
OUT
ESR
C
ESR
2
1
F
×
×
π
×
=
PHASE
L
OUTPUT
C
OUT
ESR
OSC
IN
PWM
V
V
GAIN
∆
=
The compensation network is shown in Figure 6. It
provides a close loop transfer function with the highest
zero crossover frequency and sufficient phase margin.
The transfer function of error amplifier is given by:
+
+
=
=
sC3
1
R3
R1//
sC2
1
R2
//
sC1
1
V
V
GAIN
OUT
COMP
AMP
(
)
×
+
×
×
×
+
+


×
+
+
×
×
+
×
×
×
+
=
C3
R3
1
s
C2
C1
R2
C2
C1
s
s
C3
R3
R1
1
s
C2
R2
1
s
C1
R3
R1
R3
R1
F
LC
F
ESR
-40dB/dec
-20dB/dec
Frequency(Hz)
Output of Error
Amplifier
ΔV
OSC
PWM
Comparator
Driver
Driver
PHASE
V
IN
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com