Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP112ATPLF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP112ATPLF
Description  Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP112ATPLF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP112ATPLF Datasheet HTML 1Page - Toshiba Semiconductor TLP112ATPLF Datasheet HTML 2Page - Toshiba Semiconductor TLP112ATPLF Datasheet HTML 3Page - Toshiba Semiconductor TLP112ATPLF Datasheet HTML 4Page - Toshiba Semiconductor TLP112ATPLF Datasheet HTML 5Page - Toshiba Semiconductor TLP112ATPLF Datasheet HTML 6Page - Toshiba Semiconductor TLP112ATPLF Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP112A
2007-10-01
1
TOSHIBA Photocoupler GaAℓAs Ired & Photo−IC
TLP112A
Digital Logic Isolation
Line Receiver
Power Supply Control Feedback Control
Switching Power Supply
Transistor Inverter
The TOSHIBA mini flat coupler TLP112A is a small outline coupler,
suitable for surface mount assembly.
TLP112A consists of a high output power GaAℓAs light emitting diode,
optically coupled to a high speed detector of one chip
photodiode−transistor.
Isolation voltage: 2500Vrms (min.)
Switching speed: tpHL=0.8μs, tpLH=0.8μs(max.)(RL=1.9kΩ)
TTL compatible
UL recognized: UL1577, file no. E67349
Pin Configuration(top view)
1: Anode
3: Cathode
4: Emitter (GND)
5: Collector (Output)
6: VCC
1
3
4
5
6
Schematic
VCC
GND
VO
ICC
IO 6
5
4
1
3
IF
VF
TOSHIBA
11−4C2
Weight: 0.09 g (typ.)
Unit in mm


Similar Part No. - TLP112ATPLF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP112A TOSHIBA-TLP112A Datasheet
159Kb / 7P
Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Invertor
TLP112A TOSHIBA-TLP112A Datasheet
188Kb / 7P
Photo−IC Digital Logic Isolation
TLP112A TOSHIBA-TLP112A_07 Datasheet
188Kb / 7P
Photo−IC Digital Logic Isolation
More results

Similar Description - TLP112ATPLF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP112 TOSHIBA-TLP112 Datasheet
159Kb / 7P
Digital Logic Isolation Line Receiver Switching Power Supply Feedback Control Transistor Invertor
TLP112A TOSHIBA-TLP112A Datasheet
159Kb / 7P
Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Invertor
TLP114A TOSHIBA-TLP114A Datasheet
159Kb / 7P
Digital Logic Isolation. Line Receiver. Power Supply Control Feedback Control. Switching Power Supply. Transistor Invertor.
TLP512 TOSHIBA-TLP512 Datasheet
174Kb / 7P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Inverter
TLP559 TOSHIBA-TLP559 Datasheet
254Kb / 5P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
TLP759F TOSHIBA-TLP759F Datasheet
113Kb / 2P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
TLP559 TOSHIBA-TLP559_07 Datasheet
190Kb / 7P
Switching Power Supply Feedback Control
TLP2531F TOSHIBA-TLP2531F Datasheet
188Kb / 8P
Digital Logic Isolation Line Receiver Power Supply Control Switching Power Supply Transistor Inverter
TLP719 TOSHIBA-TLP719_15 Datasheet
423Kb / 7P
Digital logic ground isolation Line receivers Microprocessor system interfaces Switching power supply feedback control Industrial invertors
TLP751 TOSHIBA-TLP751 Datasheet
548Kb / 7P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Analog Signal Isolation
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com