Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP112ATPLF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP112ATPLF
Description  Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP112ATPLF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP112ATPLF Datasheet HTML 1Page - Toshiba Semiconductor TLP112ATPLF Datasheet HTML 2Page - Toshiba Semiconductor TLP112ATPLF Datasheet HTML 3Page - Toshiba Semiconductor TLP112ATPLF Datasheet HTML 4Page - Toshiba Semiconductor TLP112ATPLF Datasheet HTML 5Page - Toshiba Semiconductor TLP112ATPLF Datasheet HTML 6Page - Toshiba Semiconductor TLP112ATPLF Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLP112A
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
(Note 1)
IF
20
mA
Pulse forward current
(Note 2)
IFP
40
mA
Peak transient forward current
(Note 3)
IFPT
1
A
Reverse voltage
VR
5
V
Output current
IO
8
mA
Peak output current
IOP
16
mA
Supply voltage
VCC
−0.5~15
V
Output voltage
VO
−0.5~15
V
Output power dissipation
(Note 4)
PO
100
mW
Operating temperature range
Topr
−55~100
°C
Storage temperature range
Tstg
−55~125
°C
Lead soldering temperature(10s)
Tsol
260
°C
Isolation voltage
(AC, 1min., R.H.≤ 60%,
Note 5)
BVS
2500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 1)
Derate 0.36mA / °C above 70°C.
(Note 2)
50% duty cycle, 1ms pulse width.
Derate 0.72mA / °C above 70°C.
(Note 3)
Pulse width ≤ 1μs, 300pps.
(Note 4)
Derate 1.8mW / °C above 70°C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com