Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP112ATPLF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP112ATPLF
Description  Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP112ATPLF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP112ATPLF Datasheet HTML 1Page - Toshiba Semiconductor TLP112ATPLF Datasheet HTML 2Page - Toshiba Semiconductor TLP112ATPLF Datasheet HTML 3Page - Toshiba Semiconductor TLP112ATPLF Datasheet HTML 4Page - Toshiba Semiconductor TLP112ATPLF Datasheet HTML 5Page - Toshiba Semiconductor TLP112ATPLF Datasheet HTML 6Page - Toshiba Semiconductor TLP112ATPLF Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP112A
2007-10-01
3
Electrical Characteristics(Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF=16mA
1.22
1.42
1.72
V
Forward voltage
temperature coefficient
ΔVF / ΔTa
IF=16mA
―
−2
―
mV / °C
Reverse current
IR
VR=3V
―
―
10
μA
Capacitance between
terminals
CT
VF=0, f=1MHz
―
30
―
pF
IOH(1)
IF=0mA, VCC=VO=5.5V
―
3
500
nA
IOH(2)
IF=0mA, VCC=VO=15V
―
―
5
High level output
current
IOH
IF=0mA, VCC=VO=15V
Ta=70°C
―
―
50
μA
High level supply
current
ICCH
IF=0mA, VCC=15V
―
0.01
1
μA
Current transfer ratio
IO / IF
IF=16mA, VCC=4.5V
VO=0.4V
20
―
―
%
Low level output
voltage
VOL
IF=16mA, VCC=4.5V
IO=2.4mA
―
―
0.4
V
Isolation resistance
RS
R.H.≤ 60%
VS=500V DC
(Note 5)
5×10
10
10
14
―
Ω
Stray capacitance
between input to output
CS
VS=0, f=1MHz
(Note 5)
―
0.8
―
pF
Switching Characteristics(Ta = 25°C)
Characteristic
Symbol
Test
Cir-
cuit
Test Condition
Min.
Typ.
Max.
Unit
Propagation delay time
(H→L)
tpHL
1
IF=0→16mA
VCC=5V, RL=1.9kΩ
―
―
0.8
μs
Propagation delay time
(L→H)
tpLH
1
IF=16→0mA
VCC=5V, RL=1.9kΩ
―
―
0.8
μs
Common mode transient
imunity at high output
level
CMH
2
IF=0mA, VCM=200Vp−p
RL=4.1kΩ
―
1500
―
V / μs
Common mode transient
imunity at low output
level
CML
2
IF=16mA, VCM=200Vp−p
RL=4.1kΩ
―
−1500
―
V / μs
(Note 5) Device considered a two
−terminal device: Pins 1 and 3 shorted together and pin 4,
5 and 6 shorted together.
(Note 6) Maximum electrostatic discharge voltage for any pins: 100V(C=200pF, R=0)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com