Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP708F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP708F
Description  Factory Automation (FA) Home Electrical Appliances Operates at high ambient temperatures up to 125
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP708F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP708F Datasheet HTML 1Page - Toshiba Semiconductor TLP708F Datasheet HTML 2Page - Toshiba Semiconductor TLP708F Datasheet HTML 3Page - Toshiba Semiconductor TLP708F Datasheet HTML 4Page - Toshiba Semiconductor TLP708F Datasheet HTML 5Page - Toshiba Semiconductor TLP708F Datasheet HTML 6Page - Toshiba Semiconductor TLP708F Datasheet HTML 7Page - Toshiba Semiconductor TLP708F Datasheet HTML 8Page - Toshiba Semiconductor TLP708F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TLP708,TLP708F
2012-08-07
2
Schematic
Absolute Maximum Ratings (Ta = 25℃)
Characteristics
Symbol
Rating
Unit
Forward Current
(Ta < 110
℃)
IF
25
mA
Forward Current Derating
(Ta ≥ 110
℃)
ΔIF/℃
-0.67
mA/
℃
Pulse Forward Current (Note 1)
(Ta < 110
℃)
IFP
50
mA
Pulse Forward Current Derating
(Ta ≥ 110
℃)
ΔIFP/℃
-1.34
mA/
℃
Reverse Voltage
VR
5
V
Input Power Dissipation
(Ta < 110
℃)
PD
40
mW
Input Power Dissipation Derating (Ta ≥ 110
℃)
ΔPD/℃
-1.0
mW/
℃
Output Current
(Ta ≤ 125
℃)
IO
25
mA
Output Voltage
VO
6
V
Supply Voltage
VCC
6
V
Output Power Dissipation
(Ta < 110
℃)
PO
80
mW
Output Power Dissipation
Derating
(Ta ≥ 110
℃)
ΔPO/℃
-2.0
mW/
℃
Operating Temperature Range
Topr
−40 to 125
℃
Storage Temperature Range
Tstg
−55 to 150
℃
Lead solder Temperature (10s)
Tsol
260
℃
Isolation voltage (Note 2)
BVS
5000
Vrms
Note: Using continuously under heavy loads (e.g. an application of high temperature/current/voltage and a significant change in
temperature, etc.) may cause this product to decrease in reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate,
etc)
Note 1: Pulse width ≤ 1ms, duty=50%
Note 2: R.H. ≤ 60%, Ta = 25
℃, AC 1 min
This device is regarded as a two-terminal device: pins 1, 2 and 3 are shorted together,
and pins 4, 5 and 6 are shorted together.
Input
Output
H
L
L
H
Note: A 0.1
μF bypass capacitor must be connected between pins 6 and 4.
Truth Table
GND
6
4
SHIELD
3-
1+
5
VCC
VO
ICC
IF
IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com