Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP708F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP708F
Description  Factory Automation (FA) Home Electrical Appliances Operates at high ambient temperatures up to 125
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP708F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP708F Datasheet HTML 1Page - Toshiba Semiconductor TLP708F Datasheet HTML 2Page - Toshiba Semiconductor TLP708F Datasheet HTML 3Page - Toshiba Semiconductor TLP708F Datasheet HTML 4Page - Toshiba Semiconductor TLP708F Datasheet HTML 5Page - Toshiba Semiconductor TLP708F Datasheet HTML 6Page - Toshiba Semiconductor TLP708F Datasheet HTML 7Page - Toshiba Semiconductor TLP708F Datasheet HTML 8Page - Toshiba Semiconductor TLP708F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TLP708
2012-07-27
1
TOSHIBA
11-5J1
Weight: 0.26 g (t y p .)
4.58±0.25
9.7±0.3
0.4±0.1
1.27±0.2
1.25±0.25
7.62±0.25
1 2 3
6 5 4
11-5J1
Unit: mm
TLP708
TOSHIBA PHOTOCOUPLER GaAℓAs LED & PHOTO-IC
TLP708,TLP708F
Factory Automation (FA)
Home Electrical Appliances
Operates at high ambient temperatures up to 125
°C
The Toshiba TLP708 consists of a GaAℓAs light emitting diode and an integrated
high-gain, high-speed photodetector. The TLP708 is housed in the SDIP6 package.
Compared to the standard DIP8 package, TLP708 is smaller in size, yet comes with
international safety standards under a reinforced isolation category. As such, it is
possible to reduce the mounting footprint for applications that require certifications for
safety standards.
The photodetector has an open-collector output stage, and an internal Faraday shield
that provides a guaranteed common-mode transient immunity of ±15 kV/μs. As
TLP708 is also able to operate up to 125
℃, it is suitable for use in applications like
industrial equipments where it is necessary to operate under high ambient
temperatures.
TLP708F is of a long creepage distance and clearance distance type.
Input threshold current :
IFHL = 5mA (Max)
Switching time (tpHL/tpLH):
75ns (Max)
Data transfer rate:
15 MBd (Typ.)
Guaranteed Performance over temperature:
-40 to 125
℃
Power supply voltage:
4.5 to 5.5V
Common mode transient immunity:
±15 kV /μs (Min)
Isolation voltage:
5000Vrms (Min)
Construction mechanical rating
UL recognized:
UL1577, File No. E67349
cUL recognized:
CSA Component Acceptance Service No.5A,
File No. E67349
VDE-approved: Option (D4) EN60747-5-2 (Note)
Note: When an EN60747-5-2 approved type is needed,
please designate the Option (D4).Option (D4) Type
Pin Configuration (Top View)
7.62 mm Pitch
TLP708 Type
10.16 mm Pitch
TLP708F Type
Creepage distance
Clearance distance
Insulation thickness
7.0 mm (min)
7.0 mm (min)
0.4 mm (min)
8.0 mm (min)
8.0 mm (min)
0.4 mm (min)
1:ANODE
2:N.C.
3:CATHODE
4:GND
5:VO(Output)
6:VCC
Weight: 0.26 g (t y p .)
TOSHIBA
11-5J101
4.58±0.25
0.4±0.1
1 2 3
1.27±0.2
6 5 4
11.7±0.3
0.75±0.25
7.62±0.25
11-5J101
Unit: mm
TLP708F
VCC
GND
SHIELD
1
3
4
5
6
2


Similar Part No. - TLP708F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
TOSHIBA Photocoupler GaAAs IRED Photo IC
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700A TOSHIBA-TLP700A Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700H TOSHIBA-TLP700H Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
More results

Similar Description - TLP708F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7537HS1 STMICROELECTRONICS-ST7537HS1 Datasheet
138Kb / 9P
HOME AUTOMATION MODEM
Jun-1995
logo
DB Lectro Inc
NG8ND DBLECTRO-NG8ND Datasheet
290Kb / 2P
Suitable for household electrical appliances, automation system
NT71 DBLECTRO-NT71_05 Datasheet
520Kb / 2P
Suitable for household electrical appliances, automation system, instrument and meter
logo
Toshiba Semiconductor
TLP2404 TOSHIBA-TLP2404 Datasheet
267Kb / 11P
IPM (Intelligent Power Module) Industrial Inverter Operate at high ambient temperatures up to 125째C
TLP3105 TOSHIBA-TLP3105 Datasheet
217Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment
TLP3100 TOSHIBA-TLP3100 Datasheet
244Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control
TLP3102 TOSHIBA-TLP3102 Datasheet
317Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment
TLP3103 TOSHIBA-TLP3103 Datasheet
318Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control Security Systems
TLP117 TOSHIBA-TLP117_14 Datasheet
265Kb / 7P
PDP (Plasma Display Panel),FA (Factory Automation),High-Speed Interface
logo
NF Forward USA Inc
NF75 NFFORWARD-NF75 Datasheet
2Mb / 3P
Household electrical appliances
Ver. 2209-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com