Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP708F Datasheet (PDF) - Toshiba Semiconductor

TLP708F Datasheet PDF - Toshiba Semiconductor
Part # TLP708F
Download  TLP708F Download
File Size   389.33 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Factory Automation (FA) Home Electrical Appliances Operates at high ambient temperatures up to 125

TLP708F Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP708F Datasheet PDF - Toshiba Semiconductor

Part # TLP708F
Download  TLP708F Click to download

File Size   389.33 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Factory Automation (FA) Home Electrical Appliances Operates at high ambient temperatures up to 125

TLP708F Datasheet (HTML) - Toshiba Semiconductor


TLP708F Product details

Factory Automation (FA)
Home Electrical Appliances
Operates at high ambient temperature up to 125°C

The Toshiba TLP708 consists of an infrared emitting diode and an integrated high-gain, high-speed photodetector. The TLP708 is housed in the SDIP6 package. Compared to the standard DIP8 package, TLP708 is smaller in size, yet comes with international safety standards under a reinforced isolation category. As such, it is possible to reduce the mounting footprint for applications that require certifications for safety standards.
The photodetector has an open-collector output stage, and an internal Faraday shield that provides a guaranteed common-mode transient immunity of ±15 kV/μs. As TLP708 is also able to operate up to 125℃, it is suitable for use in applications like industrial equipments where it is necessary to operate under high ambient temperature.
TLP708F is of a long creepage distance and clearance distance type.

● Input threshold current : IFHL = 5mA (max)
● Switching time (tpHL/tpLH): 75ns (max)
● Data transfer rate: 15 MBd (typ.)
● Guaranteed Performance over temperature: -40 to 125 ℃
● Power supply voltage: 4.5 to 5.5 V
● Common mode transient immunity: ±15 kV /μs (min)
● Isolation voltage: 5000 Vrms (min)
● Construction mechanical rating
● UL-recognized: UL 1577, File No. E67349
● cUL-recognized: CSA Component Acceptance Service No.5A
                               File No. E67349
● VDE-approved: EN 60747-5-5, EN 62368-1 (Note 1)




Similar Part No. - TLP708F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
TOSHIBA Photocoupler GaAAs IRED Photo IC
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700A TOSHIBA-TLP700A Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700H TOSHIBA-TLP700H Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
More results


Similar Description - TLP708F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7537HS1 STMICROELECTRONICS-ST7537HS1 Datasheet
138Kb / 9P
HOME AUTOMATION MODEM
Jun-1995
logo
DB Lectro Inc
NG8ND DBLECTRO-NG8ND Datasheet
290Kb / 2P
Suitable for household electrical appliances, automation system
NT71 DBLECTRO-NT71_05 Datasheet
520Kb / 2P
Suitable for household electrical appliances, automation system, instrument and meter
logo
Toshiba Semiconductor
TLP2404 TOSHIBA-TLP2404 Datasheet
267Kb / 11P
IPM (Intelligent Power Module) Industrial Inverter Operate at high ambient temperatures up to 125째C
TLP3105 TOSHIBA-TLP3105 Datasheet
217Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment
TLP3100 TOSHIBA-TLP3100 Datasheet
244Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control
TLP3102 TOSHIBA-TLP3102 Datasheet
317Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment
TLP3103 TOSHIBA-TLP3103 Datasheet
318Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control Security Systems
TLP117 TOSHIBA-TLP117_14 Datasheet
265Kb / 7P
PDP (Plasma Display Panel),FA (Factory Automation),High-Speed Interface
logo
NF Forward USA Inc
NF75 NFFORWARD-NF75 Datasheet
2Mb / 3P
Household electrical appliances
Ver. 2209-1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com