Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3220ECT-L Datasheet(PDF) 1 Page - Exar Corporation

Part # SP3220ECT-L
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3220ECT-L Datasheet(HTML) 1 Page - Exar Corporation

  SP3220ECT-L Datasheet HTML 1Page - Exar Corporation SP3220ECT-L Datasheet HTML 2Page - Exar Corporation SP3220ECT-L Datasheet HTML 3Page - Exar Corporation SP3220ECT-L Datasheet HTML 4Page - Exar Corporation SP3220ECT-L Datasheet HTML 5Page - Exar Corporation SP3220ECT-L Datasheet HTML 6Page - Exar Corporation SP3220ECT-L Datasheet HTML 7Page - Exar Corporation SP3220ECT-L Datasheet HTML 8Page - Exar Corporation SP3220ECT-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3220E_EB_EU_101_060311
1
SP3220E/EB/EU
+3.0V to +5.5V RS-232 Driver/Receiver Pair
The
SP3220E devices are RS-232 driver/receiver solutions intended for portable or hand-
held applications such as palmtop computers, intrumentation and consumer products. These
devices incorporate a high-efficiency, charge-pump power supply that allows the
SP3220E
devices to deliver true RS-232 performance from a single power supply ranging from +3.0V
to +5.0V. This charge pump requires only 0.1µF capacitors in 3.3V operation. The ESD toler-
ance of the these devices are over +/-15kV for both Human Body Model and IEC61000-4-2
Air discharge test methods. All devices have a low-power shutdown mode where the driver
outputs and charge pumps are disabled. During shutdown, the supply current falls to less
than 1µA.
FEATURES
■ Meets all EIA/TIA-232-F Standards
from a +3.0V to +5.5V power supply
• Interoperable with RS-232 and V.28 at +2.7V
■ Supports High Serial Data Rates:
• 120kbps SP3220E
• 250kbps SP3220EB
• 1Mbps SP3220EU
■ 1µA Low Power Shutdown Mode
■ Footprint Compatible with MAX3221E, ISL3221
■ 4 x 1.0µF External Charge Pump Capacitors
■ Improved ESD Specifications:
+15kV Human Body Model
+15kV IEC61000-4-2 Air Discharge
+8kV IEC61000-4-2 Contact Discharge
DESCRIPTION
SELECTION TABLE
Now Available in Lead Free Packaging
V-
1
2
3
4
13
14
15
16
5
6
7
12
11
10
C1+
V+
C1-
C2+
C2-
R1IN
GND
VCC
T1OUT
No Connect
8
9
SP3220
E/EB/EU
T1IN
No Connect
R1OUT
EN
SHDN
MODEL
Power
Supplies
RS-232
Drivers
RS-232
Receivers
External
Components
Shutdown
Data Rate
SP3220E
+3.0V to +5.5V
1
1
4 Capacitors
Yes
120kbps
SP3220EB
+3.0V to +5.5V
1
1
4 Capacitors
Yes
250kbps
SP3220EU +3.0V to +5.5V
1
1
4 Capacitors
Yes
1Mbps


Similar Part No. - SP3220ECT-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3220ECT SIPEX-SP3220ECT Datasheet
169Kb / 18P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220ECT SIPEX-SP3220ECT Datasheet
114Kb / 18P
3.0V to 5.5V RS-232 Driver/Receiver Pair
More results

Similar Description - SP3220ECT-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3220E SIPEX-SP3220E Datasheet
169Kb / 18P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220 SIPEX-SP3220 Datasheet
102Kb / 16P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220B SIPEX-SP3220B Datasheet
115Kb / 18P
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220E SIPEX-SP3220E Datasheet
114Kb / 18P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220E SIPEX-SP3220E_05 Datasheet
478Kb / 21P
3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Exar Corporation
SP3220EEA-L EXAR-SP3220EEA-L Datasheet
985Kb / 21P
3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Sipex Corporation
SP3220EBCY-L SIPEX-SP3220EBCY-L Datasheet
165Kb / 19P
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Exar Corporation
SP3220EBEA-L-TR EXAR-SP3220EBEA-L-TR Datasheet
446Kb / 20P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EUEY-L-TR EXAR-SP3220EUEY-L-TR Datasheet
446Kb / 20P
3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
MaxLinear. All Rights R...
SP3220E MAXLINEAR-SP3220E Datasheet
612Kb / 19P
3.0V to 5.5V RS-232 Driver/Receiver Pair
03/19/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com