Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R4C4-M Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3F2-R4C4-M
Description  Photoelectric Sensors E3F2
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R4C4-M Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3F2-R4C4-M Datasheet HTML 1Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 2Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 3Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 4Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 5Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 6Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 7Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 8Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Photoelectric Sensors
E3F2
1
Photoelectric Sensors
E3F2
Threaded Cylindrical Photoelectric
Sensors with Built-in Amplifier for Use
as an Optical Proximity Switch
• M18 DIN-sized cylindrical housing
• Housing materials: plastic, nickel plated brass and stainless
steel
• Axial and radial types (with integrated 90°-optics)
• Enclosure rating IP67
• DC switching types with connectors for easy maintenance
• Full metal plug-in type
• Sensing distance separate types: 7 m, 10 m
• Retroreflective polarizing types: 2 m, 4 m
• Background suppression type: 10 cm
• Long detection distance (0.3 m, 1 m) with sensitivity adjust-
er for diffuse type
• Wide-beam characteristics (10 cm) for diffuse type
• Wide operating voltage range
(10 to 30 VDC or 24 to 240 VAC)
• Short-circuit and reverse connection protection
(DC switching type)
• UL and CSA approved (AC switching types)
• UL listed (DC switching types)


Similar Part No. - E3F2-R4C4-M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3F2-R4B4 OMRON-E3F2-R4B4 Datasheet
1Mb / 28P
Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
E3F2-R4B4-P1 OMRON-E3F2-R4B4-P1 Datasheet
1Mb / 28P
Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
E3F2-R4B4F OMRON-E3F2-R4B4F Datasheet
1Mb / 28P
Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
E3F2-R4B4F-P1 OMRON-E3F2-R4B4F-P1 Datasheet
1Mb / 28P
Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
More results

Similar Description - E3F2-R4C4-M

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com