Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R4C4-M Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # E3F2-R4C4-M
Description  Photoelectric Sensors E3F2
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R4C4-M Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E3F2-R4C4-M Datasheet HTML 8Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 9Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 10Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 11Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 12Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 13Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 14Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 15Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
Photoelectric Sensors
E3F2
Operation
■ Output Circuits
Structure of Sensor I/O Connector
■ PNP Output
Classification
Wire color
Connector
pin No.
Use
DC
Brown
Power supply
(+V)
White
Mode selection
Lon/Don
Blue
Power supply
(0 V)
Black
Output
1
2
3
4
1
2
3
4
Brown
White
Blue
Black
XS2F-D42#-D80-#
XS2F-G42#-G80-#
Model
Output transistor
status
Timing chart
Connection
method
Output circuit
E3F2-
@B4-@
(except for
E3F2-10B4-
@ and
E3F2-LS10B4-
@)
–
–
–
Through-beam emitter
ON when light is
incident.
(Light-ON)
Connect the
pink (Pin
)
and brown
(Pin
) cords or
open the pink
cord (Pin
).
ON when light is
interrupted. (Dark-
ON)
Connect the
pink (Pin
)
and blue
(Pin
) cords.
Main
circuit
1
2
3
4
1
3
Connector Pin Arrangement
10 to 30 VDC
0 V
Brown
Blue
Power
indicator
(red)
Incident
Interrupted
ON
OFF
ON
OFF
Operate
Release
Output
indicator
(red)
Output
transistor
Load
(relay)
2
1
2
Light
indicator
Red
Main
circuit
1
2
3
4
1
2
3
4
Connector Pin Arrangement
10 to 30 VDC
100 mA
max.
Load
0 V
Mode selection
Brown
Black
Blue
Pink
ZD
ZD: VZ = 36 V
Stability
indicator*
Green
* Only on models
E3F2-R4B4-
@ and
E3F2-D1B4-
@
Incident
Interrupted
ON
OFF
ON
OFF
Operate
Release
Output
indicator
(red)
Output
transistor
Load
(relay)
2
3
Light
indicator
Red
Main
circuit
1
2
3
4
1
2
3
4
Connector Pin Arrangement
10 to 30 VDC
100 mA
max.
Load
0 V
Mode selection
Brown
Black
Blue
Pink
ZD: VZ = 36 V
Stability
indicator*
Green
* Only on models
E3F2-R4B4-
@ and
E3F2-D1B4-
@



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com