Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R4C4-M Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3F2-R4C4-M
Description  Photoelectric Sensors E3F2
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R4C4-M Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3F2-R4C4-M Datasheet HTML 1Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 2Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 3Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 4Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 5Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 6Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 7Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 8Page - Omron Electronics LLC E3F2-R4C4-M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Photoelectric Sensors
E3F2
5
■ Accessories (Order Separately)
Note: Shaded models are normally stocked.
For detailed information about Accessories, refer to the main chapter “Accessories” at the end of the document.
Note: 1. Typical sensing distance corresponds to 80% of the max. sensing distance. For details, please refer to “Engineering Data”.
■ Sensor I/O Connectors
Note: Shaded models are normally stocked.
Name
Sensing distance (typical) [1.]
Model
Remark
Reflectors
0.1 - 3.7 m (axial)
0.1 - 2.4 m (radial)
E39-R1
60 x 40 mm (included in
some models)
0.1 - 4.3 m (axial)
E39-R1S
for E3F2-R4
0.1 - 4.2 m (axial)
0.1 - 2.7 m (radial)
E39-R7
84 mm
0.1 - 5.3 m (axial)
0.1 - 3.1 m (radial)
E39-R8
100 x 100 mm
0.1 - 4.3 m (axial)
E39-R40
80 x 80 mm
Tape Reflectors
E39-RSA
35 x 10 mm
E39-RSB
35 x 40 mm
E39-RS3
80 x 70 mm
Lens Cap
E39-F31
Mounting Bracket
Y92E-B18
screw mount
Y92E-G18
quick access mounting
Slit
E39-ES18
for E3F2-10
@ - precision
detection
Cord
Shape
Cable type
Model
Standard
Straight
2 m
Four-wire type
XS2F-D421-D80-A
5 m
XS2F-D421-G80-A
L-shaped
2 m
XS2F-D422-D80-A
5 m
XS2F-D422-G80-A
Vibration-proof
robot cable
Straight
2 m
XS2F-D421-D80-R
5 m
XS2F-D421-G80-R
L-shaped
2 m
XS2F-D422-D80-R
5 m
XS2F-D422-G80-R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com