Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIC1803CCS Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1803CCS
Description  Three-Cell Lithium-Ion Battery Protection IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1803CCS Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1803CCS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AIC1803
2
n ORDERING INFORMATION
PACKAGE TYPE
S: SMALL OUTLINE
TEMPERATURE RANGE
C=0
°C~70°C
OVERCHARGE PROTECTION
VOLTAGE
A: 4.35V
B: 4.30V
C: 4.25V
D: 4.20V
ORDER NUMBER
PIN CONFIGURATION
AIC1803ACS
AIC1803BCS
AIC1803CCS
AIC1803DCS
(PLASTIC SO)
AIC1803 XXX
CS
OD
TC
TOP VIEW
NC
1
3
4
2
OC
TI
5
6
7
8
VCC
VC1
16
15
TD
UD2
UD1
VC2
VC3
14
12
11
13
UD3
GND
10
9
NC
n ABSOLUTE MAXIMUM RATINGS
Supply Voltage ................................................……………… ....................................... 18V
DC Voltage Applied on other Pins
.........………………… ..… ....................................... 18V
Operating Temperature Range............................……………… ......................... -20
°C~70°C
Storage Temperature Range .............................…… ..……… ..................... - 65
°C ~125°C
n TEST CIRCUIT
1K
IOC
S1
ROC
1M
V
OC
V
CS
R8
VC1
AIC1803
VCC
OC
CS
2
1
UD1
14
I
UD3
VC3
R3 33K
0.1µF
C3
VC3
UD3
GND
I
C3
11
10
9
I
UD2
R2 2K
0.1
µF
C2
VC2
UD2
12
VOD
NC
OD
3
4
TI
TD
6
7
TC
NC
8
5
ICC
I
C1
IUD1
VC1
R4
R1 2K
1K
0.1µF
C4
0.1
µF
C1
16
15
I
C2
VC2
13
CTD
CTI
CTC
82nF
2.2nF
82nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com