Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIC1803CCS Datasheet(PDF) 10 Page - Analog Intergrations Corporation

Part # AIC1803CCS
Description  Three-Cell Lithium-Ion Battery Protection IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1803CCS Datasheet(HTML) 10 Page - Analog Intergrations Corporation

Back Button AIC1803CCS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 10Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 11Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 12Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AIC1803
10
C
TC ‚CTD(F)
1n
5n
10n
22n
33n
T
OC ‚T OD(S)
21m
52m
132m
253m
347m
C
TC ‚CTD(F)
47n
68n
82n
100n
T
OC ‚T OD(S)
617m
748m
1004m
1630m
The
delay
time
can
also
be
approximately
calculated by the following equations (if C
TC , CTD
≤ 82nF) :
T
OC (mS) = 11.8 x CTC(nF)
T
OD (mS) = 11.8 x CTD(nF)
Setting the Overcurrent Delay Time 1
The overcurrent delay time 1 (T
OI1)
at 0.15V <
V
CC-VCS < 0.3V is set by the external capacitor CTI,
while the overcurrent delay time 2 and 3 (T
OI2 and
T
OI3) is fixed by IC internal circuit.The relationship
between capacitance of the external capacitor and
delay time is tabulated as below.
C
TI(F)
1n
2.2n
3.3n
5n
6.8n
10n
T
OI(mS)
4.8
15.0
18.8
23.6
31.0
61.8
Selection
of
External
Control
MOSFETs
Because the overcurrent protection voltage is
preset,
the
threshold
current
for
overcurrent
detection is determined by the turn-on resistance
of the discharge control MOSFET M1. The turn-on
resistance of the external control MOSFETs can
be determined by the equation: R
ON=V
OIP/IT (IT is
the overcurrent threshold current). For example, if
the overcurrent threshold current I
T is designed to
be 5A, the turn-on resistance of the external
control MOSFETs must be 30m
Ω. Users should
be aware that turn-on resistance of the MOSFET
changes with temperature variation due to heat
dissipation. It changes with the voltage between
gate and source as well. (Turn-on resistance of a
MOSFET increases as the voltage between gate
and
source
decreases).
Once
the
turn-on
resistance of the external MOSFET changes, the
overcurrent
threshold
current
will
change
accordingly.
Suppressing
the
Ripple
and
Disturbance from Charger
To suppress the ripple and disturbance from
charger, connecting R1 to R4 and C1 to C4 is
recommended.
Controlling
the
Charge
Control
MOSFET
R5, R6, R7 and NPN transistor Q1 are used to
switch
the
charge
control
MOSFET
M2.
If
overcharge does not occur, no current flows into
OC pin and Q1 is turned off, then M2 is turned on.
When overcharge occurs, current flows into OC
pin and Q1 is turned on, which turns off M2 in turn.
Protection at CS Pin
R8 is used for protection of IC when charger is
connected
in
reverse.
The
charge
detection
function after overdischarge is possibly disabled
by larger value of R8. Resistance of 1K
Ω is
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com