Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIC1803CCS Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1803CCS
Description  Three-Cell Lithium-Ion Battery Protection IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1803CCS Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1803CCS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1803CCS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AIC1803
5
n TYPICAL PERFORMANCE CHARACTERISTICS (CONTIONED)
10
11
12
13
14
15
16
-20
-10
0
10
20
30
40
50
60
70
Vcc Pin Input Current vs. Temperature
VCELL =3.5V
Temperature (°C)
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Vcc Pin Power-Down Current vs. Temperature
-20
-10
0
10
20
30
40
50
60
70
VCELL=2.3V
Temperature (°C)
4.20
4.22
4.24
4.26
4.28
4.30
Overcharge Protection Voltage vs. Temperature
-20
0
20
40
60
70
AIC1803C
Temperature (°C)
2.36
2.37
2.38
2.39
2.40
2.41
2.42
-20
-10
0
10
20
30
40
50
60
70
Overdischarge Protection Voltage vs. Temperature
Temperature (°C)
148.0
148.5
149.0
149.5
150.0
150.5
151.0
151.5
152.0
Overcurrent Protection Voltage vs. Temperature
-20
-10
0
10
20
30
40
50
60
70
Temperature(°C)
VCELL=3.5V
14
16
18
20
22
24
26
Overcharge/Overdischarge Delay Time vs. Temperature
-20
-10
0
10
20
30
40
50
60
70
CTC /CTD=1nF
Temperature(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com