Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCC10M0G53-R0 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # CSTCC10M0G53-R0
Description  Specification of Piezoelectric Ceramic Resonator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCC10M0G53-R0 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCC10M0G53-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
仕様書番号
Drawing No. JGC42-5451
株式会社 村 田 製 作 所
Murata Manufacturing Co.,Ltd.
P. 6/13
表1
Table 1.
Item
試験後の変化量
Specification After Test
発振周波数
Oscillating Frequency
±0.3%以内(初期値に対し)
±0.3%max. (from initial value)
7. 測定回路 Test Circuit
7-1 発振周波数
: 第2図に示します。
Oscillating Frequency
: See Figure 2.
7-2 等価定数
: ベクトルインピ-ダンスアナライザ-HP4194A及
び相当品にて行います。
Equivalent Circuit Constants : Vector Impedance Analyzer HP4194A or Equivalent.
7-3 測定条件
: 温度+25±3℃、湿度60±10%R.H.を標準測定状態とし、
特に疑義を生じない場合は温度+5~+35℃、湿度45~
85%R.H.の範囲内で測定します。
Measuring Condition
: Standard conditions for the measurement shall be
+25±3°C temperature and 60±10%R.H. humidity. The
measurement shall be performed at the temperature of
+5 to 35°C and the humidity of 45 to 85%R.H. unless
otherwise the result is doubtful.
8. バラ品包装規格 Packaging Standard (Bulk)
最小包装単位(製品500個)毎に包装し、品番、数量及びロット番号を表示します。
Each minimum package unit of products (500 pcs) shall be in a carton box and it shall be
clearly marked with part number, quantity and outgoing inspection number.
9. テーピング品包装規格 Packaging Standard (Taping)
9-1 テープは右巻き(テープの端を手前に取り出した時、送り穴が右側になる向き)とします。
The tape for components shall be wound clockwise. The feeding holes shall be to the
right side as the tape is pulled toward the user.
9-2 チップは、1リール 2,000個収納します。
A reel shall contain 2,000pcs of components.
9-3 プラスチックテープの外形寸法図を第3図に示します。
Dimensions of plastic tape are shown in Figure 3.
9-4 プラスチックリールの外形寸法図を第4図に示します。
Dimensions of plastic reel are shown in Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com