Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCC10M0G53-R0 Datasheet(PDF) 12 Page - Murata Manufacturing Co., Ltd.

Part # CSTCC10M0G53-R0
Description  Specification of Piezoelectric Ceramic Resonator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCC10M0G53-R0 Datasheet(HTML) 12 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCC10M0G53-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
仕様書番号
Drawing No. JGC42-5451
株式会社 村 田 製 作 所
Murata Manufacturing Co.,Ltd.
P. 12/13
第3図プラスチックテープの外形寸法図
Figure 3.
Dimensions of Plastic Tape
(CSTCC10M0G53-R0)
2.0±0.05
4.0±0.1
ø1.5
+0.3
-0.0
3°Max.
10
引きはがし強度
カバーフィルム
引き出し方向
単位:
mm
引きはがし スピード
300mm /分
Cover Film
Direction of Feed
The cover film peel strength force
The cover film peel speed 300mm/min.
in mm
4.0±0.1
0.1~0.7N
0.1~0.7N
ø1.55±0.05
3.3±0.1
*1 : 寸法は周波数帯により異なります。
*1 : Dimensions varies with frequency range of component
第4図プラスチックリールの外形寸法図
Figure 4.
Dimensions of Plastic Reel
(CSTCC10M0G53-R0)
2.0±0.5
単位:mm
160 以上/min.
トレーラー部
リーダー部
チップ装着部
空部
カバーテープ
空部
Trailer
Empty
Components
Empty
Leader
Cover Film
in mm
160~190
400~560mm
13.0+1.0
0
Φ13.0±0.2
400 to 560mm
160 to 190
17.0±1.0
周波数帯
Frequency range
2.00~2.99MHz
3.00~10.0MHz
t1
1.85±0.05mm
1.65±0.05mm
t2
2.45max.
2.25max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com