Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCC10M0G53-R0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # CSTCC10M0G53-R0
Description  Specification of Piezoelectric Ceramic Resonator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCC10M0G53-R0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  CSTCC10M0G53-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
仕様書番号
Drawing No. JGC42-5451
株式会社 村 田 製 作 所
Murata Manufacturing Co.,Ltd.
P. 2/13
4. 電気的性能 Electrical Characteristics
項 目
Item
規 格
Specification
4-1
公称発振周波数
Nominal Oscillating Frequency
10.000MHz
4-2
発振周波数許容偏差 *1
Initial Tolerance *1
±0.50%以内
±0.50% max.
4-3
共振抵抗
Resonant Impedance
25Ω以下
25Ωmax
4-4
内蔵容量 (C1,C2)
Built-in Load Capacitance (C1,C2)
15pF±20% 以内 (参考値)
15pF±20% max. (ref.)
4-5
絶縁抵抗
Insulation Resistance
500MΩ以上 (D.C.10V 印加時)
500M
Ωmin. (Applied D.C. 10 V)
4-6
耐電圧
Withstanding Voltage
D.C.100V, 5秒以内
D.C.100V, 5 seconds max.
4-7
定格電圧
Rated Working Voltage
(1)最大直流電圧   D.C. Voltage
(2)最大入力信号振幅 A.C. Voltage
D.C.6 V
15 Vp-p.
4-8
発振周波数温度依存性
Frequency Shift by Temperature
(-20℃~+80℃の温度範囲にて)
(-20°C to +80°C)
使用温度範囲
Operating Temperature Range
保存温度範囲
Storage Temperature Range
±0.3%以内 (初期値に対し)
±0.3%max. (from initial value)
-20℃~+80℃
-20°C to +80°C
-55℃~+85℃
-55°C to +85°C
4-9
発振周波数エージング *2
Oscillating Frequency Aging *2
±0.3%以内 (初期値に対し)
±0.3%max. (from initial value)
*1 セラロック
®の1番端子と3番端子を逆に接続された場合、±0.60%以内となります。
Terminal (1) and (3) are interchangeable, but if interchange initial tolerance is ±0.60%max.
*2 温度+85±2℃に1000時間保持し、1時間放置後測定する。
Components shall be left in a chamber of +85
±2°C for 1000 hours, then measured after
leaving in natural condition for 1 hour.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com