Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD586 Datasheet(PDF) 8 Page - Analog Devices

Part # AD586
Description  High Precision 5 V Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD586 Datasheet HTML 4Page - Analog Devices AD586 Datasheet HTML 5Page - Analog Devices AD586 Datasheet HTML 6Page - Analog Devices AD586 Datasheet HTML 7Page - Analog Devices AD586 Datasheet HTML 8Page - Analog Devices AD586 Datasheet HTML 9Page - Analog Devices AD586 Datasheet HTML 10Page - Analog Devices AD586 Datasheet HTML 11Page - Analog Devices AD586 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD586
Rev. G | Page 8 of 16
CN = 1µF
NO CN
50
µS
200
µV
Figure 8. Effect of 1 µF Noise Reduction Capacitor on Broadband Noise
TURN-ON TIME
Upon application of power (cold start), the time required for
the output voltage to reach its final value within a specified
error band is defined as the turn-on settling time. Two compo-
nents normally associated with this are the time for the active
circuits to settle, and the time for the thermal gradients on the
chip to stabilize. Figure 9, Figure 10, and Figure 11 show the
turn-on characteristics of the AD586. It shows the settling to be
about 60 µs to 0.01%. Note the absence of any thermal tails
when the horizontal scale is expanded to l ms/cm in Figure 10.
Output turn-on time is modified when an external noise reduc-
tion capacitor is used. When present, this capacitor acts as an
additional load to the current source of the internal Zener
diode, resulting in a somewhat longer turn-on time. In the case
of a 1 µF capacitor, the initial turn-on time is approximately
400 ms to 0.01% (see Figure 11).
VIN
VOUT
10V
1mV
20
µS
Figure 9. Electrical Turn-On
VIN
VOUT
10V
5V
1mS
Figure 10. Extended Time Scale
VIN
VOUT
10V
1mV
100mS
Figure 11. Turn-On with 1µF CN Characteristics
DYNAMIC PERFORMANCE
The output buffer amplifier is designed to provide the AD586
with static and dynamic load regulation superior to less com-
plete references.
Many ADCs and DACs present transient current loads to the
reference, and poor reference response can degrade the per-
formance of the converter.
Figure 12, Figure 13, and Figure 14 display the characteristics of
the AD586 output amplifier driving a 0 mA to 10 mA load.
AD586
VL
5V
0V
VOUT
500
Ω
3.5V
Figure 12. Transient Load Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com