Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD586 Datasheet(PDF) 11 Page - Analog Devices

Part # AD586
Description  High Precision 5 V Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD586 Datasheet HTML 7Page - Analog Devices AD586 Datasheet HTML 8Page - Analog Devices AD586 Datasheet HTML 9Page - Analog Devices AD586 Datasheet HTML 10Page - Analog Devices AD586 Datasheet HTML 11Page - Analog Devices AD586 Datasheet HTML 12Page - Analog Devices AD586 Datasheet HTML 13Page - Analog Devices AD586 Datasheet HTML 14Page - Analog Devices AD586 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD586
Rev. G | Page 11 of 16
5 V REFERENCE WITH MULTIPLYING
CMOS DACs OR ADCs
The AD586 is ideal for applications with 10- and 12-bit
multiplying CMOS DACs. In the standard hookup, as shown
in Figure 20, the AD586 is paired with the AD7545 12-bit
multiplying DAC and the AD711 high speed BiFET op amp.
The amplifier DAC configuration produces a unipolar 0 V to
−5 V output range. Bipolar output applications and other
operating details can be found in the individual product data
sheets.
AD586
GND
VOUT
VIN
AD711K
0.1
µF
0.1
µF
–15V
0 V TO –5V
+15V
OUT 1
AGND
DGND
DB11 TO DB0
C1
33pF
R2
68
Ω
RFB
+15V
VDD
AD7545K
VREF
10k
Ω
VOUT
TRIM
+15V
20
18
19
6
5
4
2
3
1
2
7
4
6
3
2
Figure 20. Low Power 12-Bit CMOS DAC Application
The AD586 can also be used as a precision reference for multi-
ple DACs. Figure 21 shows the AD586, the AD7628 dual DAC,
and the AD712 dual op amp hooked up for single-supply opera-
tion to produce 0 V to −5 V outputs. Because both DACs are on
the same die and share a common reference and output op
amps, the DAC outputs will exhibit similar gain TCs.
AD586
GND
AD712
OUT A
DGND
AGND
DAC A
DB0
DB7
DATA
INPUTS
OUT B
DAC B
RFB B
RFB A
VREFA
VREFB
AD7628
VIN
VOUT A=
0TO–5V
VOUT B=
0TO–5V
VOUT
+15V
+15V
6
4
4
7
14
2
5
3
17
1
19
20
2
4
Figure 21. AD586 as a 5 V Reference for a CMOS
STACKED PRECISION REFERENCES FOR
MULTIPLE VOLTAGES
Often, a design requires several reference voltages. Three
AD586s can be stacked, as shown in Figure 22, to produce
5.000 V, 10.000 V, and 15.000 V outputs. This scheme can be
extended to any number of AD586s, provided the maximum
load current is not exceeded. This design provides the addi-
tional advantage of improved line regulation on the 5.0 V
output. Changes in VIN of 18 V to 50 V produce output changes
that are below the noise level of the references.
22V TO 46V
AD586
GND
VOUT
VIN
TRIM
10k
Ω
AD586
GND
VOUT
VIN
TRIM
AD586
GND
VOUT
VIN
TRIM
10k
Ω
10k
Ω
15V
10V
5V
2
4
5
6
2
4
5
6
2
4
5
6
Figure 22. Multiple AD586s Stacked for Precision 5 V, 10 V, and 15 V Outputs
PRECISION CURRENT SOURCE
The design of the AD586 allows it to be easily configured as a
current source. By choosing the control resistor RC in Figure 23,
the user can vary the load current from the quiescent current
(typically, 2 mA) to approximately 10 mA. The compliance volt-
age of this circuit varies from about 5 V to 21 V, depending on
the value of VIN.
AD586
GND
VOUT
VIN
5V
RC
IL =
+ IBIAS
+VIN
RC
(500
Ω MIN)
2
4
6
Figure 23. Precision Current Source
PRECISION HIGH CURRENT SUPPLY
For higher currents, the AD586 can easily be connected to a
power PNP or power Darlington PNP device. The circuit in
Figure 24 and Figure 25 can deliver up to 4 amps to the load.
The 0.1 µF capacitor is required only if the load has a significant
capacitive component. If the load is purely resistive, improved
high frequency supply rejection results can be obtained by
removing the capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com