Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD586 Datasheet(PDF) 9 Page - Analog Devices

Part # AD586
Description  High Precision 5 V Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD586 Datasheet HTML 5Page - Analog Devices AD586 Datasheet HTML 6Page - Analog Devices AD586 Datasheet HTML 7Page - Analog Devices AD586 Datasheet HTML 8Page - Analog Devices AD586 Datasheet HTML 9Page - Analog Devices AD586 Datasheet HTML 10Page - Analog Devices AD586 Datasheet HTML 11Page - Analog Devices AD586 Datasheet HTML 12Page - Analog Devices AD586 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD586
Rev. G | Page 9 of 16
VL
VOUT
5V
50mV
1
µS
Figure 13. Large-Scale Transient Response
VL
VOUT
5V
1mV
2
µS
Figure 14. Fine-Scale Setting for Transient Load
In some applications, a varying load may be both resistive and
capacitive in nature, or the load may be connected to the AD586
by a long capacitive cable.
Figure 15 and Figure 16 display the output amplifier
characteristics driving a 1000 pF, 0 mA to 10 mA load.
AD586
VL
5V
0V
VOUT
CL
1000pF
500
Ω
3.5V
Figure 15. Capacitive Load Transient Response Test Circuit
CL = 0
CL = 1000pF
5V
200mV
1
µS
Figure 16. Output Response with Capacitive Load
LOAD REGULATION
The AD586 has excellent load regulation characteristics. Figure 17
shows that varying the load several mA changes the output by a
few µV. The AD586 has somewhat better load regulation per-
formance sourcing current than sinking current.
–6
–4
–2
24
68
10
LOAD (mA)
0
–500
–1000
500
1000
∆V
OUT (µV)
Figure 17. Typical Load Regulation Characteristics
TEMPERATURE PERFORMANCE
The AD586 is designed for precision reference applications
where temperature performance is critical. Extensive tempera-
ture testing ensures that the device maintains a high level of
performance over the operating temperature range.
Some confusion exists with defining and specifying reference
voltage error over temperature. Historically, references have
been characterized using a maximum deviation per degree
Celsius, that is, ppm/°C. However, because of nonlinearities in
temperature characteristics that originated in standard Zener
references (such as “S” type characteristics), most manufacturers
have begun to use a maximum limit error band approach to
specify devices. This technique involves measuring the output at
three or more different temperatures to specify an output volt-
age error band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com